Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LJB61 Datasheet(PDF) 1 Page - Schneider Electric

Part # LJB61
Description  WIREWAY 6 x 6 - N12 - 1 ft lg
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LJB61 Datasheet(HTML) 1 Page - Schneider Electric

  LJB61 Datasheet HTML 1Page - Schneider Electric LJB61 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
LJB61
WIREWAY 6 x 6 - N12 - 1 ft lg
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 135.00 USD
Main
Product
Straight length
Range
SQUARE-Duct
Length
0.30 m (1 ft)
Cross Section
6 x 6 in
Enclosure Rating
NEMA 12
Enclosure Material
Steel 14 gauge without knock-outs
Finish
Grey polyester powder ANSI 49
Cover Type
Hinged and gasketed cover
Certifications
UL Listed
Ordering and shipping details
Category
01424 - LJB WIREWAY, NEMA 12
Discount Schedule
PE9
GTIN
00785901217190
Returnability
No
Country of origin
MX
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Pro-active China RoHS declaration (out of China RoHS legal scope)
Jun 3, 2020
1


Similar Part No. - LJB61

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LJB610 SCHNEIDER-LJB610 Datasheet
58Kb / 2P
WIREWAY 6 x 6 - N12 - 10 ft lg
Jun 3, 2020
More results

Similar Description - LJB61

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LJB62 SCHNEIDER-LJB62 Datasheet
58Kb / 2P
WIREWAY 6 x 6 - N12 - 2 ft lg
LJB63 SCHNEIDER-LJB63 Datasheet
58Kb / 2P
WIREWAY 6 x 6 - N12 - 3 ft lg
LJB64 SCHNEIDER-LJB64 Datasheet
57Kb / 2P
WIREWAY 6 x 6 - N12 - 4 ft lg
LJB65 SCHNEIDER-LJB65 Datasheet
58Kb / 2P
WIREWAY 6 x 6 - N12 - 5 ft lg
LJB610 SCHNEIDER-LJB610 Datasheet
58Kb / 2P
WIREWAY 6 x 6 - N12 - 10 ft lg
Jun 3, 2020
LJB1261 SCHNEIDER-LJB1261 Datasheet
58Kb / 2P
WIREWAY 12 x 6 - N12 - 1 ft lg
LJB1262 SCHNEIDER-LJB1262 Datasheet
57Kb / 2P
WIREWAY 12 x 6 - N12 - 2 ft lg
LJB1263 SCHNEIDER-LJB1263 Datasheet
58Kb / 2P
WIREWAY 12 x 6 - N12 - 3 ft lg
LJB1264 SCHNEIDER-LJB1264 Datasheet
86Kb / 2P
WIREWAY 12 x 6 - N12 - 4 ft lg
LJB12610 SCHNEIDER-LJB12610 Datasheet
58Kb / 2P
WIREWAY 12 x 6 - N12 - 10 ft lg
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com