Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0508BBCT Datasheet(PDF) 3 Page - Littelfuse

Part # SP0508BBCT
Description  SP0504BBCT - TVS Avalanche Diode Array in a Bipolar Chip Scale Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0508BBCT Datasheet(HTML) 3 Page - Littelfuse

  SP0508BBCT Datasheet HTML 1Page - Littelfuse SP0508BBCT Datasheet HTML 2Page - Littelfuse SP0508BBCT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TVS Avalanche Diode Array in a Bipolar Chip Scale Package
SP0504BBC, SP0508BBC, SP0516BBC
Silicon Protection Circuits
204
www .littelfuse .com
B
A
1
2
3
0.252mm
(.010")
0.35mm Diameter
(.014")
0.252mm
(.010")
0.65mm
(.026")
3.104mm
(.071")
0.65mm
(.026")
1.154mm
(.045")
0.381mm (.015")
0.643mm (.025")
B
A
1
2
3
4
5
0.643mm (.025")
0.381mm (.015")
1.154mm
(.045")
0.65mm
(.026")
0.252mm
(.010")
0.65mm
(.026")
3.104mm
(.122")
0.252mm
(.010")
0.35mm Diameter Bumps
(.014")
B
A
1
2
3
4
5
0.35mm Diameter Bumps
(.014")
0.252mm
(.010")
0.65mm
(.026")
3.104mm
(.122")
0.65mm
(.026")
0.252mm
(.010")
2.454mm
(.096")
0.381mm (.015")
0.643mm (.025")
Outline Drawings
SP0504BBC
SP0508BBC
SP0516BBC
Next
Previous



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com