Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP724AHT Datasheet(PDF) 4 Page - Littelfuse

Part # SP724AHT
Description  TVS Diode Arrays - SCR Diode Array for ESD and Transient Overvoltage Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP724AHT Datasheet(HTML) 4 Page - Littelfuse

  SP724AHT Datasheet HTML 1Page - Littelfuse SP724AHT Datasheet HTML 2Page - Littelfuse SP724AHT Datasheet HTML 3Page - Littelfuse SP724AHT Datasheet HTML 4Page - Littelfuse SP724AHT Datasheet HTML 5Page - Littelfuse SP724AHT Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
249
www .littelfuse .com
5
TVS Diode Arrays
SP724
SCR Diode Array for ESD and Transient Overvoltage Protection
Peak Transient Current Capability for Long Duration Surges
The peak transient current capability is inversely proportional to the width
of the current pulse. Testing was done to fully evaluate the SP724’s
ability to withstand long duration current pulses using the circuit of
Figure 5. Figure 6 shows the point of overstress as defined by increased
leakage in excess of the data sheet published limits. The safe operating
range of the transient peak current should be limited to no more than
75% of the measured overstress level for any given pulse width as
shown in the curve of Figure 6.
The test circuit of Figure 5 is shown with a positive pulse input. For a
negative pulse input, the (-) current pulse input goes to an SP724 ‘IN’
input pin and the (+) current pulse input goes to the SP724 V- pin. The
V+ to V- supply of the SP724 must be allowed to float. (i.e., It is not tied
to the ground reference of the current pulse generator.)
Note that two input pins of the SP724 may be paralleled to improve
current (and ESD) capability. The sustained peak current capability is
increased to nearly twice that of a single pin.
FIGURE 5. TYPICAL SP724 PEAK CURRENT TEST CIRCUIT
WITH A VARIABLE PULSE WIDTH INPUT
+
-
CURRENT
SENSE
VOLTAGE
PROBE
+
-
R1 ~ 10Ω TYPICAL
SP724
VX
VX ADJ. 10V/A TYPICAL
R1
(-)
(+)
C1 ~ 100µF
C1
VARIABLETIME DURATION
CURRENT PULSE GENERATOR
FIGURE 6. SP724 TYPICAL NONREPETITIVE PEAK CURRENT PULSE CAPABILITY
0.001
0.01
0.1
1
SQUARE WAVE PULSE WIDTH (ms)
10
7
6
5
4
3
2
1
0
100
1000
NOTE:
OF THE VALUES SHOWN.
PULSE WIDTH TO BE NO GREATER THAN 75%
MAXIMUM PEAK CURRENT FOR A GIVEN
V+ TO V- SUPPLY = 15V
TA = 25
oC
8
TO ENSURE SAFE OPERATION LIMIT THE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com