Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W320EB-ZB Datasheet(PDF) 14 Page - STMicroelectronics

Part # M28W320EB-ZB
Description  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320EB-ZB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M28W320EB-ZB Datasheet HTML 10Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 11Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 12Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 13Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 14Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 15Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 16Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 17Page - STMicroelectronics M28W320EB-ZB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
M28W320EBT, M28W320EBB
14/45
Table 4. Commands
Note: 1. X = Don’t Care, RA=Read Address, RD=Read Data, SRD=Status Register Data, ID=Identifier (Manufacture and Device Code),
QA=Query Address, QD=Query Data, BA=Block Address, PA=Program Address, PD=Program Data, PRA=Protection Register Ad-
dress, PRD=Protection Register Data.
2. A0=VIL outputs Manufacturer code, A0=VIH outputs Device code. Address A7-A1 must be VIL.
3. Program Addresses 1 and 2 must be consecutive Addresses differing only for A0.
4. Program Addresses 1,2,3 and 4 must be consecutive Addresses differing only for A0 and A1.
5. 55h is reserved.
6. To be characterized.
Table 5. Read Electronic Signature
Note:
RP = VIH.
Commands
No. of
Cycles
Bus Write Operations
1st Cycle
2nd Cycle
3nd Cycle
Bus
Op.
Addr
Data
Bus
Op.
Addr
Data
Bus
Op.
Addr
Data
Read Memory Array
Write
X
FFh
Read
RA
RD
Read Status
Register
Write
X
70h
Read
X
SRD
Read Electronic
Signature
Write
X
90h
Read
SA(2)
IDh
Read CFI Query
Write
X
98h
Read
QA
QD
Erase
Write
X
20h
Write
BA
D0h
Program
Write
X
40h or
10h
Write
PA
PD
Double Word
Program(3)
Write
X
30h
Write
PA1
PD1
Write
PA2
PD2
Quadruple Word
Program(4)
Write
X
56h(6)
Write
PA1
PD1
Write
PA2
PD2
Write
PA3
PD3
Write
Clear Status
Register
Write
X
50h
Program/Erase
Suspend
Write
X
B0h
Program/Erase
Resume
Write
X
D0h
Code
Device
E
G
W
A0
A1-A7
A8-A20
DQ0-DQ7
DQ8-DQ15
Manufacture.
Code
VIL
VIL
VIH
VIL
VIL
Don’t Care
20h
00h
Device Code
M28W320EBT
VIL
VIL
VIH
VIH
VIL
Don’t Care
BCh
88h
M28W320EBB
VIL
VIL
VIH
VIH
VIL
Don’t Care
BDh
88h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com