Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V751HB34 Datasheet(PDF) 1 Page - Littelfuse

Part # V751HB34
Description  Varistor Products - High Energy Industrial
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V751HB34 Datasheet(HTML) 1 Page - Littelfuse

  V751HB34 Datasheet HTML 1Page - Littelfuse V751HB34 Datasheet HTML 2Page - Littelfuse V751HB34 Datasheet HTML 3Page - Littelfuse V751HB34 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
Varistor Products
85
www .littelfuse .com
High Energy Industrial
HB34 Varistor Series
The HB34 Series of transient surge suppressors are industrial high-
energy Metal-Oxide Varistors (MOVs). They are designed to provide
surge suppression in the AC mains outdoor and service entrance
environment (distribution panels) of buildings. HB34 applications also
include industrial heavy motors, controls, and power supplies such as
used in the oil-drilling, mining, and transportation fields, including HVAC
and motor/generator applications.
The HB34 Series provides rigid terminals for through-hole solder
mounting on printed circuit boards, thereby eliminating the need for
screw mounting.
See Ratings and Specifications table for part numbers.
Features
• Wide Operating Voltage Range
VM(AC)RMS................................... 130V to 750V
• High Energy Absorption
Capability...............................WTM = 200J to 1050J
• High Peak Pulse Current
Capability . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ITM = 40,000A
• Rigid Terminals for Secure Through-Hole Solder Mounting
• No Derating Up to 85oC Ambient
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories. Certified by CSA.
AGENCY FILE NUMBERS: UL E75961, CSA LR91788.
®
®
Next
Previous


Similar Part No. - V751HB34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V751HB34 LITTELFUSE-V751HB34 Datasheet
605Kb / 8P
Industrial High Energy Terninal Varistors HB34, HF34 HG34 Series
More results

Similar Description - V751HB34

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
Varistor Products - High Energy Industrial Disc
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
Varistor Products - High Energy Industrial Thermally Protected
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
Varistor Products - High Energy Industrial
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
Varistor Products - High Energy Industrial
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
Varistor Products - High Energy Industrial Square Disc
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
Varistor Products
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
Varistor Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com