Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V751DA40 Datasheet(PDF) 1 Page - Littelfuse

Part # V751DA40
Description  Varistor Products - High Energy Industrial
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V751DA40 Datasheet(HTML) 1 Page - Littelfuse

  V751DA40 Datasheet HTML 1Page - Littelfuse V751DA40 Datasheet HTML 2Page - Littelfuse V751DA40 Datasheet HTML 3Page - Littelfuse V751DA40 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
86
www .littelfuse .com
Varistor Products
High Energy Industrial
DA/DB Varistor Series
The DA and DB Series transient surge suppressors are heavy-duty
industrial metal-oxide varistors designed to provide surge protection for
motor controls and power supplies used in oil-drilling, mining, and trans-
portation equipment.
These UL-recognized varistors have identical ratings and specifications
but differ in case construction to provide flexibility in equipment designs.
DA series devices feature rigid terminals to insure secure wire contacts.
Both the DA and DB series feature improved creep and strike distance
capability to minimize breakdown along the package surface design that
provides complete electrical isolation of the disc subassembly.
See DA/DB Series Device Ratings and Specifications table for part
number and brand information.
Features
• High Energy Absorption Capability
WTM ..........................................Up To 1050J
• Wide Operating Voltage Range
VM(AC)RMS .................................. .130V to 750V
• Screw Terminals (DA Series),
Quick Connect Push-On Connectors (DB Series)
• Case Design Provides Complete Electrical Isolation of
Disc Subassembly
• 40mm Diameter Disc
• No Derating Up to 85oC Ambient
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories.
AGENCY FILE NUMBERS: UL E75961.
DB SERIES
DA SERIES
®


Similar Part No. - V751DA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V751DA40 LITTELFUSE-V751DA40 Datasheet
119Kb / 4P
Industrial High Energy Terminal Varistors
More results

Similar Description - V751DA40

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
Varistor Products - High Energy Industrial Disc
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
Varistor Products - High Energy Industrial Thermally Protected
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
Varistor Products - High Energy Industrial
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
Varistor Products - High Energy Industrial
V131BA60 LITTELFUSE-V131BA60 Datasheet
212Kb / 5P
Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
Varistor Products - High Energy Industrial
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
Varistor Products - High Energy Industrial Square Disc
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
Varistor Products
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
Varistor Products
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com