Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRSM836-024MATR Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IRSM836-024MATR
Description  Integrated Power Module for Small Appliance Motor Drive Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRSM836-024MATR Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IRSM836-024MATR Datasheet HTML 6Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 7Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 8Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 9Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 10Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 11Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 12Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 13Page - Infineon Technologies AG IRSM836-024MATR Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
IRSM836-024MA
10
www.irf.com
© 2013 International Rectifier
February 3, 2013
Module Pin-Out Description
Pin
Name
Description
1
HIN3
Logic Input for High Side Gate Driver - Phase 3
2
LIN1
Logic Input for Low Side Gate Driver - Phase 1
3
LIN2
Logic Input for Low Side Gate Driver - Phase 2
4
LIN3
Logic Input for Low Side Gate Driver - Phase 3
5
/FLT
Fault Output Pin
6
Itrip
Over-Current Protection Pin
7
EN
Enable Pin
8
RCin
Reset Programming Pin
9, 39
VSS, COM
Ground for Gate Drive IC and Low Side Gate Drive Return
10, 11, 30,
37
U, VS1
Output 1, High Side Floating Supply Offset Voltage
12, 13
VR1
Phase 1 Low Side FET Source
14, 15
VR2
Phase 2 Low Side FET Source
16, 17, 38
V, VS2
Output 2, High Side Floating Supply Offset Voltage
18, 19
W, VS3
Output 3, High Side Floating Supply Offset Voltage
20, 21
VR3
Phase 3 Low Side FET Source
22-29
V+
DC Bus Voltage Positive
31
VB1
High Side Floating Supply Voltage 1
32
VB2
High Side Floating Supply Voltage 2
33
VB3
High Side Floating Supply Voltage 3
34
VCC
15V Supply
35
HIN1
Logic Input for High Side Gate Driver - Phase 1
36
HIN2
Logic Input for High Side Gate Driver - Phase 2
36
35
34
33
32
31
30
29
28
21
20
17
16
11
1
9
8
7
6
5
4
3
Top View
2
27
10
19
18
37
38
39
12
13
14
15
23
22
25
24
26
Notes
Pins 37 and 38 are not required to
be connected electrically on the
PCB
All pins with the same name are
internally connected. For example,
pins 10, 11, 30 and 37 are
internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com