Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC011N03L5S Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # ISC011N03L5S
Description  Optimized for high performance Buck converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC011N03L5S Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button ISC011N03L5S Datasheet HTML 5Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 6Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 7Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 8Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 9Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 10Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 11Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 12Page - Infineon Technologies AG ISC011N03L5S Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
13
OptiMOS
TM Power-MOSFET , 30 V
ISC011N03L5S
Rev. 2.0, 2020-02-20
Final Data Sheet
Revision History
ISC011N03L5S
Revision: 2020-02-20, Rev. 2.0
Previous Revision
Revision
Date
Subjects (major changes since last revision)
2.0
2020-02-20
Release of final version
Trademarks
All referenced product or service names and trademarks are the property of their respective owners.
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all? Your feedback will help us to continuously
improve the quality of this document. Please send your proposal (including a reference to this document) to:
erratum@infineon.com
Published by
Infineon Technologies AG
81726 München, Germany
© 2020 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics
(“Beschaffenheitsgarantie”) .
With respect to any examples, hints or any typical values stated herein and/or any information regarding the application of the
product, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation
warranties of non-infringement of intellectual property rights of any third party.
In addition, any information given in this document is subject to customer’s compliance with its obligations stated in this
document and any applicable legal requirements, norms and standards concerning customer’s products and any use of the
product of Infineon Technologies in customer’s applications.
The data contained in this document is exclusively intended for technically trained staff. It is the responsibility of customer’s
technical departments to evaluate the suitability of the product for the intended application and the completeness of the product
information given in this document with respect to such application.
Information
For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon
Technologies Office (www.infineon.com).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in question,
please contact the nearest Infineon Technologies Office.
The Infineon Technologies component described in this Data Sheet may be used in life-support devices or systems and/or
automotive, aviation and aerospace applications or systems only with the express written approval of Infineon Technologies, if a
failure of such components can reasonably be expected to cause the failure of that life-support, automotive, aviation and
aerospace device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are
intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is
reasonable to assume that the health of the user or other persons may be endangered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com