Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC019N03L5S Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC019N03L5S
Description  OptiMOSTM Power-MOSFET, 30 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC019N03L5S Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC019N03L5S Datasheet HTML 1Page - Infineon Technologies AG ISC019N03L5S Datasheet HTML 2Page - Infineon Technologies AG ISC019N03L5S Datasheet HTML 3Page - Infineon Technologies AG ISC019N03L5S Datasheet HTML 4Page - Infineon Technologies AG ISC019N03L5S Datasheet HTML 5Page - Infineon Technologies AG ISC019N03L5S Datasheet HTML 6Page - Infineon Technologies AG ISC019N03L5S Datasheet HTML 7Page - Infineon Technologies AG ISC019N03L5S Datasheet HTML 8Page - Infineon Technologies AG ISC019N03L5S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
ISC019N03L5S
Rev.2.0,2020-02-25
Final Data Sheet
1
2
3
4
5
6
7
8
4
3
2
1
5
6
7
8
SuperSO8
8 D
7 D
6 D
5 D
S 1
S 2
S 3
G 4
MOSFET
OptiMOSTMPower-MOSFET,30V
Features
•OptimizedforhighperformanceBuckconverter
•Verylowon-resistanceRDS(on)@VGS=4.5V
•Superiorthermalresistance
•N-channel
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
Productvalidation
QualifiedaccordingtoJEDECStandard
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
30
V
RDS(on),max
1.9
m
Ω
ID
100
A
QOSS
25
nC
QG(0V..10V)
44
nC
Type/OrderingCode
Package
Marking
RelatedLinks
ISC019N03L5S
PG-TDSON-8
019N03L5
-


Similar Part No. - ISC019N03L5S

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ISC019N03L5S-TP TECHPUBLIC-ISC019N03L5S-TP Datasheet
2Mb / 4P
N-Channel Enhancement MOSFET
More results

Similar Description - ISC019N03L5S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC0902NSI INFINEON-BSC0902NSI_16 Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 30 V
Rev.2.3,2016-02-03
BSC0993ND INFINEON-BSC0993ND Datasheet
1Mb / 11P
OptiMOSTM Power-MOSFET, 30 V
Rev.2.0,2016-07-11
BSC011N03LST INFINEON-BSC011N03LST Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 30 V
Rev.2.1,2017-10-30
BSZ0994NS INFINEON-BSZ0994NS Datasheet
1Mb / 10P
OptiMOSTM Power-MOSFET, 30 V
Rev.2.0,2016-07-11
ISC026N03L5S INFINEON-ISC026N03L5S Datasheet
1Mb / 13P
OptiMOSTM Power-MOSFET, 30 V
Rev.2.0,2020-02-25
BSC005N03LS5 INFINEON-BSC005N03LS5 Datasheet
2Mb / 12P
OptiMOSTM 5 Power-Transistor, 30 V
Rev.2.1 2020-12-22
ISZ019N03L5S INFINEON-ISZ019N03L5S Datasheet
1Mb / 11P
OptiMOSTM Power-MOSFET, 30 V
Rev.2.0,2020-03-16
ISZ040N03L5IS INFINEON-ISZ040N03L5IS Datasheet
1Mb / 11P
OptiMOSTM Power-MOSFET, 30 V
Rev.2.0,2020-03-16
ISZ065N03L5S INFINEON-ISZ065N03L5S Datasheet
1Mb / 11P
OptiMOSTM Power-MOSFET, 30 V
Rev.2.0,2020-03-16
IQDH35N03LM5CG INFINEON-IQDH35N03LM5CG Datasheet
1Mb / 11P
OptiMOSTM 5 Power-Transistor, 30 V
Rev. 2.1, 2023-03-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com