Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC026N03L5S Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ISC026N03L5S
Description  OptiMOSTM Power-MOSFET, 30 V
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC026N03L5S Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ISC026N03L5S Datasheet HTML 5Page - Infineon Technologies AG ISC026N03L5S Datasheet HTML 6Page - Infineon Technologies AG ISC026N03L5S Datasheet HTML 7Page - Infineon Technologies AG ISC026N03L5S Datasheet HTML 8Page - Infineon Technologies AG ISC026N03L5S Datasheet HTML 9Page - Infineon Technologies AG ISC026N03L5S Datasheet HTML 10Page - Infineon Technologies AG ISC026N03L5S Datasheet HTML 11Page - Infineon Technologies AG ISC026N03L5S Datasheet HTML 12Page - Infineon Technologies AG ISC026N03L5S Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
OptiMOSTMPower-MOSFET,30V
ISC026N03L5S
Rev.2.0,2020-02-25
Final Data Sheet
copper
solder mask
stencil apertures
all dimensions in mm
1.5
0.5
0.4
0.2
1.905
1.905
1.27
3x
1.27
3x
1.6
0.6
0.5
1.27
3x
1.905
1.27
3x
1.905
PG-TDSON-8: Recommen d Bo rdpads & Apertures
Figure 2
Outline Boardpads (TDSON-8), dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com