Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPMB-3.0 Datasheet(PDF) 4 Page - Recom International Power

Part # RPMB-3.0
Description  3 Amp Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPMB-3.0 Datasheet(HTML) 4 Page - Recom International Power

  RPMB-3.0 Datasheet HTML 1Page - Recom International Power RPMB-3.0 Datasheet HTML 2Page - Recom International Power RPMB-3.0 Datasheet HTML 3Page - Recom International Power RPMB-3.0 Datasheet HTML 4Page - Recom International Power RPMB-3.0 Datasheet HTML 5Page - Recom International Power RPMB-3.0 Datasheet HTML 6Page - Recom International Power RPMB-3.0 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.recom-power.com
REV.: 0/2020
RPMB-4
DC/DC Converter
Specifications (@ Ta= 25°C, nom. Vin= 24VDC, full load, with input cap (3),after warm-up unless otherwise stated)
RPMB-3.0
Series
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±1.0% typ. / ±3.0% max.
Line Regulation
low line to high line, full load
±0.25% typ. / ±0.5% max.
Load Regulation
10% to 100% load
0.05% typ.
Transient Response
25% load step change
recovery time
200mV
100µs
R
up according to E96 ≈ 32k4W
R
down according to E96 ≈ 267kW
Voutset =
5
[VDC]
R
up (E96) ≈
57k6
[
W]
RPMB3.3-3.0
Trim up
Trim up
Trim down
Trim down
Voutset =
2.5
1.8
1.5
1.2
1.1
[VDC]
R
down (E96) ≈
182k
52k3
26k7
8k45
3k48
[
W]
Voutset =
5.5
9
[VDC]
R
up (E96) ≈
205k
23k7
[
W]
RPMB5.0-3.0
Voutset =
3.3
2.5
[VDC]
R
down (E96) ≈
133k
59k
[
W]
R
up =
9.09 x (15 -1) - 100 x (9.09 + 1)
100 - 9.09 x (15 -1)
R
down =
9.09 x (9 -1) x (100 + 1) - 100
100 - 9.09 x (9 -1)
Trim up
Trim down
Voutset =
15
24
[VDC]
R
up (E96) ≈
32k4
7k32
[
W]
RPMB12-3.0
Voutset =
10
9
[VDC]
R
down (E96) ≈
453k
267k
[
W]
Trim up
Trim down
Voutset =
20
24
[VDC]
R
up (E96) ≈
16k9
9k09
[
W]
RPMB15-3.0
Voutset =
12
9.99
[VDC]
R
down (E96) ≈
332k
162k
[
W]
PROTECTIONS
Parameter
Condition
Value
Short Circuit Protection (SCP)
less than 50m
W
hiccup mode, automatic recovery
Over Current Protection (OCP)
120% min.
Over Temperature Protection (OTP)
case temperature
(measured on tc point)
DC-DC OFF
DC-DC ON
105°C min., auto restart after cool down
100°C typ.
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range (6)
@ natural convection 0.1m/s with derating (refer to
“Derating Graph“)
-40°C to +100°C
Maximum Case Temperature
measured on tc point (refer to
“Dimension Drawing“)
+105°C
Temperature Coefficient
0.02%/K
Thermal Impedance (6)
0.1m/s, horizontal (Tcase to TAMB)
12K/W
Operating Altitude (7)
with derating @ natural convection 0.1m/s
5000m
Operating Humidity
non-condensing
5% - 95% RH
continued on next page
Practical Example RPMB12-3.0
Vout
set= 15VDC
Practical Example RPMB12-3.0
Vout
set= 9VDC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com