Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDP1646 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MDP1646
Description  Thick Film Resistor Networks, Dual-In-Line, Molded DIP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MDP1646 Datasheet(HTML) 2 Page - Vishay Siliconix

  MDP1646 Datasheet HTML 1Page - Vishay Siliconix MDP1646 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
49
MDP 45, 46
Vishay Dale
Document Number: 31512
Revision 08-Sep-04
For Technical Questions, contact: ff2aresistors@vishay.com
Pin 1
Identification
Pin 1
0.310
± 0.010
[7.87
± 0.254]
0.250
± 0.005
[6.35
± 0.127]
0.010 + 0.005
- 0.002
[0.254 + 0.127]
- 0.051]
Non-Accumulative Tol.
7 Spaces
0.018
± 0.003
[0.457
± 0.076]
0.700
± 0.010
[17.78
± 0.254]
0.130 + 0.015
- 0.010
[3.30 + 0.381]
- 0.254]
0.120
± 0.005
[3.05
± 0.127]
0.850
± 0.010
[21.59
± 0.254]
0.050
± 0.005
[1.27
± 0.127]
0.100
± 0.010
[2.54
± 0.254]
0.075
± 0.015
[1.91
± 0.381]
0.290 [7.37] Min.
0.320 [8.13] Nom.
0.360 [9.14] Max.
0.030
[0.762] Typ.
DIMENSIONS in inches [millimeters]
TEST
Thermal Shock
Short Time Overload
Low Temperature Operation
Moisture Resistance
Resistance to Soldering Heat
Shock
Vibration
Load Life
Terminal Strength
Insulation Resistance
Dielectric Withstanding Voltage
CONDITIONS
5 cycles between - 65°C and + 125°C
2.5 x rated working voltage 5 seconds
45 minutes at full rated working voltage at - 65°C
240 hours with humidity ranging from 80% RH to 98% RH
Leads immersed in + 260°C solder to within 1/16" of body for 10 seconds
Total of 18 shocks at 100 g's
12 hours at maximum of 20 g's between 10 and 2,000 Hz
1,000 hours at + 70°C, rated power applied 1.5 hours “ON”, 0.5 hour
“OFF” for full 1000 hour period. Derated according to the curve.
4 1/2 pound pull for 30 seconds
10,000 Megohm (minimum)
No evidence of arcing or damage (200 V RMS for 1 minute)
MAX.
∆R (Typical Test Lots)
± 0.50% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 0.50% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 0.25% ∆R
± 0.50% ∆R
± 0.25% ∆R
—
—
PERFORMANCE
Marking Resistance
Permanency testing per MIL-
to Solvents:
STD-202, Method 215.
Solderability:
Per MIL-STD-202, Method 208E.
Terminals:
Copper alloy, solder plated.
Body:
Molded epoxy.
Weight:
1.5 grams.
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
- 50
+ 25
+ 70
+ 125 + 150
2.00
1.00
.125
MDP1645 Package &
MDP1646 Package
Single Resistor
PARAMETER
UNIT
MDP Series
Maximum Operating Voltage
VDC
100
Voltage Coefficient of Resistance (Typical)
V
eff
< 50 ppm/°C
Operating Temperature Range
°C
- 55 to + 125
Storage Temperature Range
°C
- 55 to + 150
TECHNICAL SPECIFICATIONS
MECHANICAL SPECIFICATIONS
Derating
Ambient Temperature
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com