Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1G3234 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST1G3234
Description  1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1G3234 Datasheet(HTML) 2 Page - STMicroelectronics

  ST1G3234 Datasheet HTML 1Page - STMicroelectronics ST1G3234 Datasheet HTML 2Page - STMicroelectronics ST1G3234 Datasheet HTML 3Page - STMicroelectronics ST1G3234 Datasheet HTML 4Page - STMicroelectronics ST1G3234 Datasheet HTML 5Page - STMicroelectronics ST1G3234 Datasheet HTML 6Page - STMicroelectronics ST1G3234 Datasheet HTML 7Page - STMicroelectronics ST1G3234 Datasheet HTML 8Page - STMicroelectronics ST1G3234 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ST1G3234
2/11
Figure 2: Input And Output Equivalent Circuit
Table 2: Pin Description
Figure 3: Pin Connection (Top through view)
Table 3: Truth Table
PIN°
SYMBOL
NAME AND FUNCTION
A1
A1
Data Output (VCCA referred)
C1
B1
Data Input (VCCB referred)
B2
GND
Ground (0V)
A3
VCCA
Positive Supply Voltage
C3
VCCB
Positive Supply Voltage
INPUTS B1 (VCCB Referred)
OUTPUTS A1 (VCCA Referred)
LL
HH



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com