Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4826 Datasheet(PDF) 5 Page - VBsemi Electronics Co.,Ltd

Part # AO4826
Description  Dual N-Channel 60 V (D-S) 175 째C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AO4826 Datasheet(HTML) 5 Page - VBsemi Electronics Co.,Ltd

  AO4826 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AO4826 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AO4826 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AO4826 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AO4826 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AO4826 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AO4826 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AO4826 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AO4826 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
TC =25 °C
Single Pulse
BVDSS Limited
Limited by R
*
DS(on)
IDM Limited
100 µs
1 ms
10 ms
100 ms
1 s
10 s, DC
2
1
0.1
0.01
10- 4
10- 3
10- 2
10- 1
1
10
600
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 110 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
100
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AO4826
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com