Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4034BMS Datasheet(PDF) 2 Page - Intersil Corporation

Part # CD4034BMS
Description  CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4034BMS Datasheet(HTML) 2 Page - Intersil Corporation

  CD4034BMS Datasheet HTML 1Page - Intersil Corporation CD4034BMS Datasheet HTML 2Page - Intersil Corporation CD4034BMS Datasheet HTML 3Page - Intersil Corporation CD4034BMS Datasheet HTML 4Page - Intersil Corporation CD4034BMS Datasheet HTML 5Page - Intersil Corporation CD4034BMS Datasheet HTML 6Page - Intersil Corporation CD4034BMS Datasheet HTML 7Page - Intersil Corporation CD4034BMS Datasheet HTML 8Page - Intersil Corporation CD4034BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
7-838
CD4034BMS
Parallel Operation
A high P/S input signal allows data transfer into the register
via the parallel data lines synchronously with the positive
transition of the clock provided the A/S input is low. If the A/S
input is high the transfer is independent of the clock. The
direction of data flow is controlled by the A/B input. When
this signal is high the A data lines are inputs (and B data
lines are outputs); a low A/B signal reverses the direction of
data flow.
The AE input is an additional feature which allows many reg-
isters to feed data to a common bus. The A DATA lines are
enabled only when this signal is high.
Data storage through recirculation of data in each register
stage is accomplished by making the A/B signal high and the
AE signal low.
Serial Operation
A low P/S signal allows serial data to transfer into the regis-
ter synchronously with the positive transition of the clock.
The A/S input is internally disabled when the register is in
the serial mode (asynchronous serial operation is not
allowed).
The serial data appears as output data on either the B lines
(when A/B is high) or the A lines (when A/B is low and the
AE signal is high).
Register expansion can be accomplished by simply cascad-
ing CD4034BMS packages.
The CD4034BMS is supplied in these 24 lead outline pack-
ages:
Braze Seal DIP
H4V
Ceramic Flatpack
H4P
Functional Diagram
SI
STEERING
LOGIC
SI
A1
B1
Q
SI
6
STAGES
Q
A8
B8
SI
AE
A/B
A/S
P/S
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com