Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDP1824CD3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1824CD3
Description  High-Reliability CMOS 32-Word x 8-Bit Static Random-Access Memory
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1824CD3 Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1824CD3 Datasheet HTML 1Page - Intersil Corporation CDP1824CD3 Datasheet HTML 2Page - Intersil Corporation CDP1824CD3 Datasheet HTML 3Page - Intersil Corporation CDP1824CD3 Datasheet HTML 4Page - Intersil Corporation CDP1824CD3 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
46
Static Burn-In Circuit
Data Retention Specifications
At TA = +25
oC
PARAMETER
SYMBOL
TEST
CONDITIONS
LIMITS
UNITS
CDP1824/3
CDP1824C/3
VDR
(V)
VDD
(V)
MIN
MAX
MIN
MAX
Data Retention Voltage
VDR
-
-
2.5
-
2.5
-
V
Data Retention Quiescent Current
IDD
2.5
-
-
10
-
40
µA
Chip Deselect to Data Retention Time
tCDR
2.5
5
600
-
600
-
ns
2.5
10
300
---ns
Recovery to Normal Operation Time
tRC
2.5
5
600
-
600
-
ns
2.5
10
300
---ns
TYPE
VDD
TEMPERATURE
TIME
CDP1824
11V
+125oC
160 Hrs., Min.
CDP1824C
7V
+125oC
160 Hrs., Min.
NOTE: tr, tf > 1µs.
FIGURE 3. LOW VDD DATA RETENTION WAVEFORMS AND TIMING DIAGRAM
DATA RETENTION
MODE
0.95 VDD
0.95 VDD
tF
VDD
tCDR
tF
tRC
VDD
VIH
VIL
VIL
VIH
CS
(NOTE 1)
(NOTE 1)
VDD
VDD
VSS
VSS
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
All Resistors 47k
Ω (±±20%)
CDP1824/3, CDP1824C/3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com