Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG408/883 Datasheet(PDF) 13 Page - Intersil Corporation

Part # DG408/883
Description  Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG408/883 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button DG408/883 Datasheet HTML 7Page - Intersil Corporation DG408/883 Datasheet HTML 8Page - Intersil Corporation DG408/883 Datasheet HTML 9Page - Intersil Corporation DG408/883 Datasheet HTML 10Page - Intersil Corporation DG408/883 Datasheet HTML 11Page - Intersil Corporation DG408/883 Datasheet HTML 12Page - Intersil Corporation DG408/883 Datasheet HTML 13Page - Intersil Corporation DG408/883 Datasheet HTML 14Page - Intersil Corporation DG408/883 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DESIGN INFORMATION (Continued)
The information contained in this section has been developed through characterization by Intersil Semiconductor and is for use as
application and design information only. No guarantee is implied.
5-46
DG408, DG409
POSITIVE SUPPLY CURRENT vs TEMPERATURE (DG408)
CHARGE INJECTION vs ANALOG VOLTAGE VS (DG408, DG409)
rDS(ON) vs VD AND SUPPLY
rDS(ON) vs VD (SINGLE SUPPLY)
rDS(ON) vs VS AND TEMPERATURE
rDS(ON) vs VS AND TEMPERATURE (SINGLE SUPPLY)
Typical Performance Curves (Continued)
V+ = 15V
V- = -15V
VIN = 0V
VEN = 0V
20
15
10
5
0
-55
5
125
TEMPERATURE (oC)
45
85
90
80
70
60
50
40
30
20
10
0
-10
-15
-10
-5
0
5
10
VS (V)
CL = 10,000pF
VIN = 5VP-P
V+ = 12V
V- = 0V
V+ = 15V
V- = -15V
15
120
100
80
60
40
20
0
-20 -16
-12
-8
-4
0
4
8
12
16
20
VD (V)
±10V
±5V
±8V
±12V
±15V
±20V
160
140
120
100
80
60
0
04
8
12
16
20
22
VD (V)
10V
12V
15V
20V
40
20
22V
V+ = 7.5V
V- = 0V
80
70
60
50
40
30
0
-15
0
15
VS (V)
20
10
V+ = 15V
V- = -15V
+25oC
+125oC
-55oC
+85oC
-40oC
0oC
130
110
90
70
50
30
08
12
VS (V)
10
V+ = 12V
V- = 0V
+25oC
+125oC
+85oC
4
-55oC
-40oC
0oC
Spec Number
512045



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com