Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG413/883 Datasheet(PDF) 3 Page - Intersil Corporation

Part # DG413/883
Description  Monolithic Quad SPST CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG413/883 Datasheet(HTML) 3 Page - Intersil Corporation

  DG413/883 Datasheet HTML 1Page - Intersil Corporation DG413/883 Datasheet HTML 2Page - Intersil Corporation DG413/883 Datasheet HTML 3Page - Intersil Corporation DG413/883 Datasheet HTML 4Page - Intersil Corporation DG413/883 Datasheet HTML 5Page - Intersil Corporation DG413/883 Datasheet HTML 6Page - Intersil Corporation DG413/883 Datasheet HTML 7Page - Intersil Corporation DG413/883 Datasheet HTML 8Page - Intersil Corporation DG413/883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Specifications DG411/883, DG412/883, DG413/883
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44V
GND to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
VL (Note 2) . . . . . . . . . . . . . . . . . . . . . . . (GND -0.3V) to (V+) +0.3V
Digital Inputs, VS, VD (Note 2) . . . . . (V-) -2V to (V+) + 2V or 30mA,
Whichever Occurs First
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 30mA
Current, S or D (Pulsed 1ms, 10% Duty Cycle) . . . . . . . . . . . 100mA
Storage Temperature Range (A Suffix) . . . . . . . . . -65oC to +125oC
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
Thermal Resistance (Note 3)
θ
JA
θ
JC
CerDIP Package . . . . . . . . . . . . . . . . . . .
75oC/W
20oC/W
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
Operating Temperature (A Suffix) . . . . . . . . . . . . . . -55oC to +125oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
Operating Voltage Range
. . . . . . . . . . . . . . . . . . . . . . . . . . . . ±20V Max
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC
Input Low Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V Max
Input High Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V Min
Input Rise and Fall Time
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .≤20ns
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
Device Tested at: V+ = +15V, V- = -15V, VL = 5V, GND = 0V, Unless Otherwise Specified
PARAMETERS
SYMBOL
CONDITIONS
GROUP A
SUBGROUP TEMPERATURE
LIMITS
UNITS
MIN
MAX
Drain-to-Source
ON Resistance
RDS(ON)
V+ = +13.5V,
V- = -13.5V,
IS = -10mA,
VD = ±8.5V
VIN = 0.8V
1, 3
+25oC, -55oC
0
35
Ω
DG411/883
2
+125oC
0
45
Ω
DG412/883
VIN = 2.4V
1, 3
+25oC, -55oC
0
35
Ω
2
+125oC
0
45
Ω
DG413/883
VIN = 0.8V or
2.4V (Note 1)
1, 3
+25oC, -55oC
0
35
Ω
2
+125oC
0
45
Ω
DG411/883
V+ = +10.8V,
V- = -0V,
IS = -10mA,
VD = 3.0V and
8.0V
VIN = 0.8V
1, 3
+25oC, -55oC
0
80
Ω
2
+125oC
0
100
Ω
DG412/883
VIN = 2.4V
1, 3
+25oC, -55oC
0
80
Ω
2
+125oC
0
100
Ω
DG413/883
VIN = 0.8V or
2.4V (Note 1)
1, 3
+25oC, -55oC
0
80
Ω
2
+125oC
0
100
Ω
Source OFF Leakage Current
IS(OFF)
V+ = 16.5V,
V- = -16.5V,
VD = -15.5V,
VS = 15.5V
VIN = 2.4V
1
+25oC
-0.25
+0.25
nA
DG411/883
2, 3
+125oC, -55oC
-20
+20
nA
DG412/883
VIN = 0.8V
1
+25oC
-0.25
+0.25
nA
2, 3
+125oC, -55oC
-20
+20
nA
DG413/883
VIN = 0.8V or
2.4V (Note 1)
1
+25oC
-0.25
+0.25
nA
2, 3
+125oC, -55oC
-20
+20
nA
DG411/883
V+ = 16.5V,
V- = -16.5V,
VD = 15.5V,
VS = -15.5V
VIN = 2.4V
1
+25oC
-0.25
+0.25
nA
2, 3
+125oC, -55oC
-20
+20
nA
DG412/883
VIN = 0.8V
1
+25oC
-0.25
+0.25
nA
2, 3
+125oC, -55oC
-20
+20
nA
DG413/883
VIN = 0.8V or
2.4V (Note 1)
1
+25oC
-0.25
+0.25
nA
2, 3
+125oC, -55oC
-20
+20
nA
Spec Number
512043



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com