Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA5352IP Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA5352IP
Description  Fast Acquisition Dual Sample and Hold Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5352IP Datasheet(HTML) 2 Page - Intersil Corporation

  HA5352IP Datasheet HTML 1Page - Intersil Corporation HA5352IP Datasheet HTML 2Page - Intersil Corporation HA5352IP Datasheet HTML 3Page - Intersil Corporation HA5352IP Datasheet HTML 4Page - Intersil Corporation HA5352IP Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3-2
Specifications HA5352
Absolute Maximum Ratings
Operating Conditions
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . +11V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V
Voltage between S/H control and ground. . . . . . . . . . . . . . . . . +5.5V
Output Current, Continuous
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .±37mA
Junction Temperature (Plastic Packages) . . . . . . . . . . . . . . +150oC
Lead Temperature (Soldering, 10s) . . . . . . . . . . . . . . . . . . . +300oC
(SOIC - Lead Tips Only)
Operating Temperature Range
HA5352I. . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC
≤ T
A ≤ +85
oC
Storage Temperature Range . . . . . . . . . . . . . -65oC
≤ T
A ≤ +150
oC
Thermal Package Characteristics
θ
JA
Plastic DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90oC/W
SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
95oC/W
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Test Conditions: VSUPPLY = ±5V; CH = Internal = 15pF, Digital Input: VIL = +0.0V (Sample), VIH = 4.0V
(Hold). Non-Inverting Unity Gain Configuration (Output Tied to -Input), CL = 5pF, Unless Otherwise
Specified
PARAMETERS
TEMP
HA5352I
UNITS
MIN
TYP
MAX
INPUT CHARACTERISTICS
Input Voltage Range
Full
-2.5
-
+2.5
V
Input Resistance (Note 2)
+25oC100
500
-
k
Ω
Input Capacitance
+25oC-
-
5
pF
Input Offset Voltage
+25
oC-2
-
2
mV
Full
-3.0
-
3.0
mV
Offset Voltage Temperature Coefficient
Full
-
15
-
µV/oC
Bias Current
Full
-
2.5
5
µA
Offset Current
Full
-1.5
-
+1.5
µA
Common Mode Range
Full
-2.5
-
+2.5
V
Common Mode Rejection (
±2.5V
DC, Note 3)
Full
60
80
-
dB
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
(±2.5V
OUT)+25
oC95
108
-
dB
Full
85
-
-
dB
Unity Gain -3dB Bandwidth
+25oC-
40
-
MHz
TRANSIENT RESPONSE
Rise Time (200mV Step)
+25
oC-
8.5
-
ns
Overshoot (200mV Step)
+25oC0
-
30
%
Slew Rate (5V Step)
Full
88
105
-
V/
µs
DIGITAL INPUT CHARACTERISTICS
Input Voltage (High)
VIH
+25oC,
+85
oC
2.1
-
5.0
V
-40oC
2.4
-
5.0
V
Input Voltage (Low)
VIL
Full
0
-
0.8
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com