Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  GMVSTBR 2,5/ 8-STF-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 25, 2011
Extract from the online
catalog
 
GMVSTBR 2,5/ 8-STF-7,62
Order No.: 1847945
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1847945
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 630 V,
Number of positions: 8, Pitch: 7.62 mm, Color: green, Metal surface:
Sn
 
Commercial data
GTIN (EAN)
4
017918
114060
sales group
E113
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 269 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.62 mm
Dimension a
53.34 mm
Number of positions
8
Screw thread
M3


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1847893 PHOENIX-1847893 Datasheet
155Kb / 9P
Printed-circuit board connector - GMVSTBR 2,5/ 3-STF-7,62
1847903 PHOENIX-1847903 Datasheet
164Kb / 9P
Printed-circuit board connector - GMVSTBR 2,5/ 4-STF-7,62
1847974 PHOENIX-1847974 Datasheet
76Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/11-STF-7,62
1847929 PHOENIX-1847929 Datasheet
76Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/ 6-STF-7,62
1847932 PHOENIX-1847932 Datasheet
76Kb / 5P
Printed-circuit board connector - GMVSTBR 2,5/ 7-STF-7,62
1847916 PHOENIX-1847916 Datasheet
114Kb / 7P
Printed-circuit board connector - GMVSTBR 2,5/ 5-STF-7,62
1847880 PHOENIX-1847880 Datasheet
636Kb / 14P
PCB connector - GMVSTBR 2,5/ 2-STF-7,62
Jan 4, 2023
1847958 PHOENIX-1847958 Datasheet
635Kb / 14P
PCB connector - GMVSTBR 2,5/ 9-STF-7,62
Jan 5, 2023
1847987 PHOENIX-1847987 Datasheet
635Kb / 14P
PCB connector - GMVSTBR 2,5/12-STF-7,62
Jan 5, 2023
1847961 PHOENIX-1847961 Datasheet
637Kb / 14P
GMVSTBR 2,5/10-STF-7,62 - PCB connector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com