Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS195D/SAMPLE Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS195D/SAMPLE
Description  Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS195D/SAMPLE Datasheet(HTML) 4 Page - Intersil Corporation

  HCS195D/SAMPLE Datasheet HTML 1Page - Intersil Corporation HCS195D/SAMPLE Datasheet HTML 2Page - Intersil Corporation HCS195D/SAMPLE Datasheet HTML 3Page - Intersil Corporation HCS195D/SAMPLE Datasheet HTML 4Page - Intersil Corporation HCS195D/SAMPLE Datasheet HTML 5Page - Intersil Corporation HCS195D/SAMPLE Datasheet HTML 6Page - Intersil Corporation HCS195D/SAMPLE Datasheet HTML 7Page - Intersil Corporation HCS195D/SAMPLE Datasheet HTML 8Page - Intersil Corporation HCS195D/SAMPLE Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
283
Specifications HCS195MS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
(CP - Qn)
TPHL1
VCC = 4.5V, VIH = 4.5V
VIL = 0
9
+25oC
2
31
ns
10, 11
+125oC, -55oC
2
37
ns
Propagation Delay
(CP - Qn)
TPLH1
VCC = 4.5V, VIH = 4.5V
VIL = 0
9
+25oC
2
34
ns
10, 11
+125oC, -55oC
2
42
ns
Propagation Delay
(MR - Q0-3)
TPHL2
VCC = 4.5V, VIH = 4.5V
VIL = 0
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
39
ns
Propagation Delay
(MR - Q3)
TPLH2
VCC = 4.5V, VIH = 4.5V
VIL = 0
9
+25oC
2
32
ns
10, 11
+125oC, -55oC
2
39
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, VIH = 5.0V, VIL = 0.0V,
f = 1MHz
+25oC
-
90
pF
+125oC, -55oC
-
120
pF
Input Capacitance
CIN
VCC = 5.0V, VIH = 5.0V, VIL = 0.0V,
f = 1MHz
+25oC
-
10
pF
+125oC, -55oC
-
10
pF
Output Capacitance
COUT
VCC = 5.0V, VIH = 5.0V, VIL = 0.0V,
f = 1MHz
+25oC
-
20
pF
+125oC, -55oC
-
20
pF
Pulse Width Time
(CP or MR)
TW
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC16
-
ns
+125oC, -55oC24
-
ns
Setup Time
TSU
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC20
-
ns
+125oC, -55oC20
-
ns
Hold Time
TH
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC3
-
ns
+125oC, -55oC3
-
ns
MR to CP Removal
Time
TREM
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC16
-
ns
+125oC, -55oC24
-
ns
Recovery Time
PL to CP
TREC
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC20
-
ns
+125oC, -55oC30
-
ns
Maximum Clock
Frequency
FMAX
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC
30
-
MHz
+125oC, -55oC
20
-
MHz
Output Transition Time
TTHL
TTLH
VCC = 4.5V, VIH = 4.5V, VIL = 0.0V
+25oC
1
15
ns
+125oC, -55oC
1
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
Spec Number
518760



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com