Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS195K/SAMPLE Datasheet(PDF) 9 Page - Intersil Corporation

Part # HCS195K/SAMPLE
Description  Radiation Hardened Inverting 8-Bit Parallel-Input/Serial Output Shift Register
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS195K/SAMPLE Datasheet(HTML) 9 Page - Intersil Corporation

  HCS195K/SAMPLE Datasheet HTML 1Page - Intersil Corporation HCS195K/SAMPLE Datasheet HTML 2Page - Intersil Corporation HCS195K/SAMPLE Datasheet HTML 3Page - Intersil Corporation HCS195K/SAMPLE Datasheet HTML 4Page - Intersil Corporation HCS195K/SAMPLE Datasheet HTML 5Page - Intersil Corporation HCS195K/SAMPLE Datasheet HTML 6Page - Intersil Corporation HCS195K/SAMPLE Datasheet HTML 7Page - Intersil Corporation HCS195K/SAMPLE Datasheet HTML 8Page - Intersil Corporation HCS195K/SAMPLE Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
288
HCS195MS
Die Characteristics
DIE DIMENSIONS:
95 x 94 mils
2.380 x 2.410mm
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
<2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 x 4 mils
Metallization Mask Layout
HCS195MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCS195 is TA14387A.
J
MR
VCC
K (3)
D0 (4)
D1 (5)
(6)
(8)
(9)
(10)
(11)Q3
(12) Q3
(13) Q2
(14)
(2)
(1)
(16)
GND
PE
CP
(7)
(15)
D2
D3
Q1
Q0
Spec Number
518760



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com