Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTS191K/SAMPLE Datasheet(PDF) 10 Page - Intersil Corporation

Part # HCTS191K/SAMPLE
Description  Radiation Hardened Synchronous 4-Bit Up/Down Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCTS191K/SAMPLE Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HCTS191K/SAMPLE Datasheet HTML 2Page - Intersil Corporation HCTS191K/SAMPLE Datasheet HTML 3Page - Intersil Corporation HCTS191K/SAMPLE Datasheet HTML 4Page - Intersil Corporation HCTS191K/SAMPLE Datasheet HTML 5Page - Intersil Corporation HCTS191K/SAMPLE Datasheet HTML 6Page - Intersil Corporation HCTS191K/SAMPLE Datasheet HTML 7Page - Intersil Corporation HCTS191K/SAMPLE Datasheet HTML 8Page - Intersil Corporation HCTS191K/SAMPLE Datasheet HTML 9Page - Intersil Corporation HCTS191K/SAMPLE Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
589
HCTS191MS
Die Characteristics
DIE DIMENSIONS:
104 x 86 mils
METALLIZATION:
Type: AlSi
Metal Thickness: 11k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2
Thickness: 13k
Å
± 2.6kÅ
WORST CASE CURRENT DENSITY:
< 2.0 x 105A/cm2
BOND PAD SIZE:
100
µm x 100µm
4 x 4 mils
Metallization Mask Layout
HCTS191MS
NOTE: The die diagram is a generic plot from a similar HCS device. It is intended to indicate approximate die size and bond pad location.
The mask series for the HCTS191 is TA14447A.
Q1
P1
VCC
Q0 (3)
CE (4)
U/D (5)
Q2 (6)
(9)
(10)
(11) PL
(12) TC
(13) RC
(2)
(1)
(16)
P3
P2
(8)
GND
(14) CP
Q3 (7)
(15) P0
Spec Number
518621



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com