Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP2010LCFQJ Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2010LCFQJ
Description  DLP2010LC .2 WVGA DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010LCFQJ Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLP2010LCFQJ Datasheet HTML 25Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 26Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 27Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 28Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 29Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 30Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 31Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 32Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Illumination
optics
DLPC347x
DMD
DLPA200x
TI DLP Chipset
Non-TI Device
VBIAS, VOFFSET,
VRESET
SYSPWR
Sub-LVDS DATA
PROJ_ON
HOST_IRQ
I
2
C
Flash
Parallel Interface (28)
VLED
CTRL
RLIM
1.8 V external
1.8 V
PROJ_ON
VCC_18
VCC_INTF
VCC_FLSH
VDD
SPI (4)
SPI (4)
INTZ
Thermistor
VDDLP12
SPI0
SPI1
RESETZ
PARKZ
GPIO_8
GPIO_10
CMP_OUT
1.8 V
1.1 V
Video
Front End
System
Controller
HDMI
Keypad
DC
Supplies
VSPI
1.8 V
1.1 Reg
1.1 V
L3
L2
L1
LED_SEL (2)
RC_
CHARGE
1.8 V
TSTPT_4
GPIO_7
TRIG_OUT_1
TRIG_OUT_2
DLP2010LC
www.ti.com
DLPS180 – MAY 2020
29
Product Folder Links: DLP2010LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Figure 21. Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com