Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS280DF810ABVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS280DF810ABVR
Description  DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS280DF810ABVR Datasheet(HTML) 2 Page - Texas Instruments

  DS280DF810ABVR Datasheet HTML 1Page - Texas Instruments DS280DF810ABVR Datasheet HTML 2Page - Texas Instruments DS280DF810ABVR Datasheet HTML 3Page - Texas Instruments DS280DF810ABVR Datasheet HTML 4Page - Texas Instruments DS280DF810ABVR Datasheet HTML 5Page - Texas Instruments DS280DF810ABVR Datasheet HTML 6Page - Texas Instruments DS280DF810ABVR Datasheet HTML 7Page - Texas Instruments DS280DF810ABVR Datasheet HTML 8Page - Texas Instruments DS280DF810ABVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
2
DS280DF810
SNLS538A – SEPTEMBER 2016 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: DS280DF810
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Description (continued)......................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 7
7.1
Absolute Maximum Ratings ...................................... 7
7.2
ESD Ratings.............................................................. 7
7.3
Recommended Operating Conditions ....................... 8
7.4
Thermal Information .................................................. 8
7.5
Electrical Characteristics........................................... 8
7.6
Timing Requirements, Retimer Jitter
Specifications ........................................................... 12
7.7
Timing Requirements, Retimer Specifications ........ 13
7.8
Timing Requirements, Recommended Calibration
Clock Specifications ................................................. 14
7.9
Recommended SMBus Switching Characteristics
(Slave Mode)............................................................ 14
7.10
Recommended SMBus Switching Characteristics
(Master Mode).......................................................... 14
7.11
Typical Characteristics ......................................... 15
8
Detailed Description ............................................ 16
8.1
Overview ................................................................. 16
8.2
Functional Block Diagram ....................................... 17
8.3
Feature Description................................................. 18
8.4
Device Functional Modes........................................ 29
8.5
Programming........................................................... 30
8.6
Register Maps ......................................................... 31
9
Application and Implementation ........................ 32
9.1
Application Information............................................ 32
9.2
Typical Application ................................................. 32
10
Power Supply Recommendations ..................... 41
11
Layout................................................................... 41
11.1
Layout Guidelines ................................................. 41
11.2
Layout Example .................................................... 41
12
Device and Documentation Support ................. 43
12.1
Documentation Support ........................................ 43
12.2
Receiving Notification of Documentation Updates 43
12.3
Support Resources ............................................... 43
12.4
Trademarks ........................................................... 43
12.5
Electrostatic Discharge Caution ............................ 43
12.6
Glossary ................................................................ 43
4 Revision History
Changes from Original (February 2019) to Revision A
Page
•
Initial Public Release .............................................................................................................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com