Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS02 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS02
Description  SN74HCS02 Quadruple 2-Input NOR Gates with Schmitt-Trigger Inputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HCS02 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HCS02 Datasheet HTML 3Page - Texas Instruments SN74HCS02 Datasheet HTML 4Page - Texas Instruments SN74HCS02 Datasheet HTML 5Page - Texas Instruments SN74HCS02 Datasheet HTML 6Page - Texas Instruments SN74HCS02 Datasheet HTML 7Page - Texas Instruments SN74HCS02 Datasheet HTML 8Page - Texas Instruments SN74HCS02 Datasheet HTML 9Page - Texas Instruments SN74HCS02 Datasheet HTML 10Page - Texas Instruments SN74HCS02 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
One of Four Channels
xA
xB
xY
7
SN74HCS02
www.ti.com
SCLS776A – DECEMBER 2019 – REVISED MAY 2020
Product Folder Links: SN74HCS02
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
This device contains four independent 2-input NOR Gates with Schmitt-trigger inputs. Each gate performs the
Boolean function Y = A + B in positive logic.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Balanced CMOS Push-Pull Outputs
A balanced output allows the device to sink and source similar currents. The drive capability of this device may
create fast edges into light loads so routing and load conditions should be considered to prevent ringing.
Additionally, the outputs of this device are capable of driving larger currents than the device can sustain without
being damaged. It is important for the output power of the device to be limited to avoid damage due to over-
current. The electrical and thermal limits defined in the Absolute Maximum Ratings must be followed at all times.
8.3.2 CMOS Schmitt-Trigger Inputs
Standard CMOS inputs are high impedance and are typically modeled as a resistor in parallel with the input
capacitance given in the Electrical Characteristics. The worst case resistance is calculated with the maximum
input voltage, given in the Absolute Maximum Ratings, and the maximum input leakage current, given in the
Electrical Characteristics, using ohm's law (R = V ÷ I).
The Schmitt-trigger input architecture provides hysteresis as defined by ΔVT in the Electrical Characteristics,
which makes this device extremely tolerant to slow or noisy inputs. While the inputs can be driven much slower
than standard CMOS inputs, it is still recommended to properly terminate unused inputs. Driving the inputs slowly
will also increase dynamic current consumption of the device. For additional information regarding Schmitt-trigger
inputs, please see Understanding Schmitt Triggers.
8.3.3 Clamp Diode Structure
The inputs and outputs to this device have both positive and negative clamping diodes as depicted in Figure 8.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can
cause damage to the device. The input negative-voltage and output voltage ratings
may be exceeded if the input and output clamp-current ratings are observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com