Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC74VHC393D Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74VHC393D
Description  Dual 4-Bit Binary Ripple Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC393D Datasheet(HTML) 1 Page - ON Semiconductor

  MC74VHC393D Datasheet HTML 1Page - ON Semiconductor MC74VHC393D Datasheet HTML 2Page - ON Semiconductor MC74VHC393D Datasheet HTML 3Page - ON Semiconductor MC74VHC393D Datasheet HTML 4Page - ON Semiconductor MC74VHC393D Datasheet HTML 5Page - ON Semiconductor MC74VHC393D Datasheet HTML 6Page - ON Semiconductor MC74VHC393D Datasheet HTML 7Page - ON Semiconductor MC74VHC393D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0
© Motorola, Inc. 1997
6/97
Dual 4-Bit Binary Ripple
Counter
The MC74VHC393 is an advanced high speed CMOS dual 4–bit binary
ripple counter fabricated with silicon gate CMOS technology. It achieves high
speed operation similar to equivalent Bipolar Schottky TTL while maintaining
CMOS low power dissipation.
This device consists of two independent 4–bit binary ripple counters with
parallel outputs from each counter stage. A
÷256 counter can be obtained by
cascading the two binary counters.
Internal flip–flops are triggered by high–to–low transitions of the clock
input. Reset for the counters is asynchronous and active–high. State
changes of the Q outputs do not occur simultaneously because of internal
ripple delays. Therefore, decoded output signals are subject to decoding
spikes and should not be used as clocks or as strobes except when gated
with the Clock of the VHC393.
The inputs tolerate voltages up to 7V, allowing the interface of 5V systems
to 3V systems.
• High Speed: fmax = 170MHz (Typ) at VCC = 5V
• Low Power Dissipation: ICC = 4µA (Max) at TA = 25°C
• High Noise Immunity: VNIH = VNIL = 28% VCC
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Designed for 2V to 5.5V Operating Range
• Low Noise: VOLP = 0.8V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300mA
• ESD Performance: HBM > 2000V; Machine Model > 200V
• Chip Complexity: 236 FETs or 59 Equivalent Gates
LOGIC DIAGRAM
nQA
nQB
nQC
nQD
CPn
RDn
1, 13
2, 12
3, 11
4, 10
5, 9
6, 8
BINARY
COUNTER
FUNCTION TABLE
Inputs
Clock
Reset
Outputs
XH
L
H
L
No Change
L
L
No Change
↑
L
No Change
↓
L
Next State
MC74VHC393
D SUFFIX
14–LEAD SOIC PACKAGE
CASE 751A–03
DT SUFFIX
14–LEAD TSSOP PACKAGE
CASE 948G–01
ORDERING INFORMATION
MC74VHCXXXD
MC74VHCXXXDT
MC74VHCXXXM
SOIC
TSSOP
SOIC EIAJ
M SUFFIX
14–LEAD SOIC EIAJ PACKAGE
CASE 965–01
PIN ASSIGNMENT
11
12
13
14
8
9
10
5
4
3
2
1
7
6
2QB
2QA
RD2
CP2
VCC
2QD
2QC
1QB
1QA
RD1
CP1
GND
1QC
1QD


Similar Part No. - MC74VHC393D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC32 ONSEMI-MC74VHC32 Datasheet
137Kb / 5P
Quad 2-Input OR Gate
1997 REV 1
MC74VHC32 ONSEMI-MC74VHC32 Datasheet
84Kb / 6P
Quad 2-Input OR Gate
September, 2014 ??Rev. 7
MC74VHC32 ONSEMI-MC74VHC32 Datasheet
250Kb / 8P
Quad 2-Input OR Gate
February, 2021 ??Rev. 8
MC74VHC32D ONSEMI-MC74VHC32D Datasheet
137Kb / 5P
Quad 2-Input OR Gate
1997 REV 1
MC74VHC32DR2G ONSEMI-MC74VHC32DR2G Datasheet
84Kb / 6P
Quad 2-Input OR Gate
September, 2014 ??Rev. 7
More results

Similar Description - MC74VHC393D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
Dual 4-bit binary ripple counter
1988 Nov 01
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
Dual 4-bit binary ripple counter
December 1990
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
Dual 4-bit binary ripple counter
1997 Jun 10
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
DUAL 4-BIT BINARY RIPPLE COUNTER
logo
NXP Semiconductors
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
Dual 4-bit binary ripple counter
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
74HC393 NEXPERIA-74HC393 Datasheet
268Kb / 15P
Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com