Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT97SC3203 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT97SC3203
Description  Trusted Platform Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3203 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT97SC3203 Datasheet HTML 1Page - ATMEL Corporation AT97SC3203 Datasheet HTML 2Page - ATMEL Corporation AT97SC3203 Datasheet HTML 3Page - ATMEL Corporation AT97SC3203 Datasheet HTML 4Page - ATMEL Corporation AT97SC3203 Datasheet HTML 5Page - ATMEL Corporation AT97SC3203 Datasheet HTML 6Page - ATMEL Corporation AT97SC3203 Datasheet HTML 7Page - ATMEL Corporation AT97SC3203 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AT97SC3203
5116AS-TPM–7/05
Figure 1. AT97SC3203 Block Diagram
Figure 2. Atmel AT97SC3203 TPM Pin Configuration
33 MHz
LPC
Interface
AVR®
8/16 Bit
CPU
Physical
Security
Circuitry
GPIO
RTC
VBB
32.768 kHz
RNG
Timer
ROM
Program
EEPROM
Program
EEPROM
Data
CRYPTO
Engine
SRAM
GPIO6
NC
NC
NC
GND
SB3V
GPIO6
NC
TestI
TestBI/BADD
3V
GND
VBAT
XtalI/32K in
XtalO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LPCPD#
SERIRQ
LAD0
GND
3V
LAD1
LFRAME#
LCLK
LAD2
3V
GND
LAD3
LRESET#
CLKRUN
28 pin TSSOP
9.6 mm, 0.65 mm pitch
6.1 mm plastic width
40 pin QFN
6.0 mm x 6.0 mm
0.50 mm pitch
NC
GND
SB3V
GPIO6
NC
TestI
TestBI/BADD
3V
GND
VBAT
LAD0
GND
3V
LAD1
LFRAME#
LCLK
LAD2
3V
GND
LAD3
1
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com