Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16 Datasheet(PDF) 2 Page - Formosa MS

Part # BAS16
Description  Switching Diode - Silicon epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

BAS16 Datasheet(HTML) 2 Page - Formosa MS

  BAS16 Datasheet HTML 1Page - Formosa MS BAS16 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (BAS16)
10
100
1000
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
1
10
100
1
Tj=25 C
REVERSE VOLTAGE
1.0
10
0.1
100
1000
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.4
.8
1.2
1.6
2.0
Tj=25 C
FIG.2 - TYPICAL DIODE CAPACITANCE
REVERSE VOLTAGE,(V)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.1
1
10
100
1000
Scattering Limit
Scattering Limit
FIG.4 - REVERSE CURRENT
VS JUNCTION TEMPERATURE
0
100
200
3
10
2
10
10
1
-1
10
-2
10
o
JUNCTION TEMPERATURE ( C)
V
=75
V /
M
AX.
VA
LUE
S
R
V
=7
5V
/
TY
P.
V
ALU
ES
R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com