Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930 Datasheet(PDF) 118 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 118 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 114Page - Advanced Micro Devices AM79C930 Datasheet HTML 115Page - Advanced Micro Devices AM79C930 Datasheet HTML 116Page - Advanced Micro Devices AM79C930 Datasheet HTML 117Page - Advanced Micro Devices AM79C930 Datasheet HTML 118Page - Advanced Micro Devices AM79C930 Datasheet HTML 119Page - Advanced Micro Devices AM79C930 Datasheet HTML 120Page - Advanced Micro Devices AM79C930 Datasheet HTML 121Page - Advanced Micro Devices AM79C930 Datasheet HTML 122Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 161 page
background image
AMD
P R E L I M I N A R Y
118
Am79C930
CONFIGURATION REGISTER INDEX:
18h
Bit
Name
Reset Value
Description
7:6
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
5:0
SS[5:0]
00h
RSSI Sample Start. The value in this register is used to determine
when to capture a sample of the RSSI input for A/D conversion dur-
ing antenna diversity operation. The register value is a measure of
the time of RSSI sample relative to the
end of the current antenna
dwell time (i.e., SS=03h implies that the RSSI sample will be con-
verted at 3
µs before the current antenna dwell time ends).
The resolution of the RSSI sample timer is equal to 20 times the
CLKIN period when the CLKGT20 bit of MIR9 is set to 0 and is equal
to 40 times the CLKIN period when the CLKGT20 bit of MIR9 is set
to 1. For a 1 Mbs data rate with CLKIN = 20 MHz and CLKGT20 = 0,
the resolution is 1
µ. With CLKIN=20 MHz and CLKGT20 = 0, a
value of SS[5:0] = 00100 means that the RSSI sample will be taken
4
µ before the next antenna switch event occurs. A register value of
0 means that no RSSI samples will be taken.
The time value represented by the bits in SS[5:0] must be less than
the time value of the bits in the ADT[5:0] field of TCR4 minus the
time value of the bits of the A2DT[3:0] field of TCR25 minus 9
CLKIN periods (18 CLKIN periods if CLKGT20=1).
TCR25: RSSI Configuration
This register is the RSSI Configuration register.
This
register
is
used
to
setup
some
A/D
converter parameters.
CONFIGURATION REGISTER INDEX:
19h
Bit
Name
Reset Value
Description
7
UXA2DST
0
Use external A/D conversion Start signal. When UXA2DST is set to
0, then the A/D conversion process starts when the Antenna Dwell
timer reaches the value programmed in the SS bits of TCR24.
When UXA2DST is set to 1, then an external stimulus from the
USER6/IRQ5/EXTA2DST pin is required to begin each A/D conver-
sion cycle. Rising edges of USER6/IRQ5/EXTA2DST initiate new
conversion cycles. A/D sample and conversion timing will proceed
as programmed in the TCR25 register A2DT field.
6
ENEXT
0
Enable External. Setting ENEXT to a 1 enables the external A/D
mode of the Am79C930 device, allowing the Am79C930 device to
use the digital values supplied by an external A/D converter in CCA
and antenna diversity decisions. ENEXT is used in conjunction with
ENSAR (TCR25[5]) and ADDA (TIR26[2]) to configure the
Am79C930 device A/D mode according to the table listed in section
RSSI A/D Unit.
5
ENSAR
0
Enable SAR. Setting ENSAR to a 1 enables the SAR[6:0] pins to
drive as outputs. ENSAR is used in conjunction with ENINT
(TCR25[6]) and ADDA (TIR26[2]) to configure the Am79C930 de-
vice A/D mode according to the table listed in the RSSI A/D unit de-
scription of in section
RSSI A/D Unit.
4
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com