Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930 Datasheet(PDF) 121 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 121 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 117Page - Advanced Micro Devices AM79C930 Datasheet HTML 118Page - Advanced Micro Devices AM79C930 Datasheet HTML 119Page - Advanced Micro Devices AM79C930 Datasheet HTML 120Page - Advanced Micro Devices AM79C930 Datasheet HTML 121Page - Advanced Micro Devices AM79C930 Datasheet HTML 122Page - Advanced Micro Devices AM79C930 Datasheet HTML 123Page - Advanced Micro Devices AM79C930 Datasheet HTML 124Page - Advanced Micro Devices AM79C930 Datasheet HTML 125Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 161 page
background image
P R E L I M I N A R Y
AMD
121
Am79C930
be high assert, such that when the TGAP2 counter expires, the
TXMOD pin will be driven to a HIGH logic level.
TCR28: Clear Channel Assessment Configuration
This register is the Clear Channel Assessment
Configuration register. The bits in this register are used
to determine which features will be used to determine
clear channel assessment.
CONFIGURATION REGISTER INDEX:
1Ch
Bit
Name
Reset Value
Description
7
RXCFN
0
RXC Function. When RXCFN is set to a 1, then the RXC pin will be
driven with the internal RXC clock value, regardless of its source.
That is, the RXC source may be either the result of the DPLL locking
operation, or it may directly reflect the value of the RXCIN pin, de-
pending upon the selection of the ECLK bit of TCR2.
Complete control of the function of the RXC/IRQ10 pin is described
in the Multi-Function Pin section.
6
ENXSDF
0
Enable External Start Delimiter Found. When ENXSDF is set to a 1,
then the internal SDF result is not used. Instead, the value of the
USER6/IRQ5 pin is used as the source for SDF indication. When
ENXSDF is set to 1, then changes to the value of the USER6/IRQ5
pin are used to determine the status of the SDF interrupt of TIR5 (bit
2). When ENXSDF is set to 0, then the source for SDF indication is
the internal SDF determination logic. The current drive and function
settings for the USER6/IRQ5 pin have no effect on the use of the
value of this pin for the SDF function.
5
ENXCHBSY
0
Enable External CHBSY. When ENXCHBSY is set to a 1, then the
internal CCA result is not used. Instead, the value of the
USER5/IRQ4 pin is used as the source for CCA information. When
ENXCHBSY is set to 1, the value of the USER5/IRQ4 pin is used to
set the value of the CHBSY bit of TIR26 (bit 7), and changes to
the value of the USER5/IRQ4 pin are used to determine the status
of the CHBSYC interrupt of TIR4 (bit 7) and the BCF interrupt bit
of TIR5.
When ENXCHBSY is set to a 1, then antenna diversity switching is
disabled and the receive function of the Am79C930 device must be
enabled by a positive indication of SDF on the USER6/IRQ5
input pin.
When ENXCHBSY is set to 0, then the source for CCA indication is
the internal CCA determination logic. The current drive and function
settings for the USER6/IRQ5 pin have no effect on the use of the
value of this pin for the SDF function.
4
RUPD
0
Receive Use Preamble Detect. When RUPD is set to a 1, then the
stop diversity decision is used to enable the receive state machine.
That is, when the decision is made to stop switching antenna selec-
tions, then the receive state machine will enable the receive data
path to the RX FIFO. When RUPD is reset to a 0, then the receive
data path to the RX FIFO is enabled when SFD is detected.
3
STPEN
0
Stop Antenna Diversity Enable. Setting this bit to a 1 allows
the clear channel assessment logic to stop the antenna
diversity operation.
2
UBDSD
0
Use Baud Detect of Stop Diversity in Antenna Diversity decision.
When this bit is set to a 1, the Baud Detect Count for Stop Diversity
becomes one input to the stop diversity decision logic. When this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com