Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTMP6331DYAT Datasheet(PDF) 14 Page - Texas Instruments

Part # PTMP6331DYAT
Description  TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTMP6331DYAT Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTMP6331DYAT Datasheet HTML 10Page - Texas Instruments PTMP6331DYAT Datasheet HTML 11Page - Texas Instruments PTMP6331DYAT Datasheet HTML 12Page - Texas Instruments PTMP6331DYAT Datasheet HTML 13Page - Texas Instruments PTMP6331DYAT Datasheet HTML 14Page - Texas Instruments PTMP6331DYAT Datasheet HTML 15Page - Texas Instruments PTMP6331DYAT Datasheet HTML 16Page - Texas Instruments PTMP6331DYAT Datasheet HTML 17Page - Texas Instruments PTMP6331DYAT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
RBias
VBias
RTMP63
R1
R2
VTrip
14
TMP63
SNIS211C – OCTOBER 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Typical Application (continued)
9.2.1.2.1
Thermal Protection With Comparator
Use the TMP63 device along with a voltage reference, and a comparator to program the thermal protection. As
shown in Figure 18, the output of the comparator remains low until the voltage of the thermistor divider, with
RBIAS and RTMP63, rises above the threshold voltage set by R1 and R2. When the output goes high, the
comparator signals an overtemperature warning signal. The engineer can also program the hysteresis to prevent
the output from continuously toggling around the temperature threshold when the output returns low. Either a
comparator with built-in hysteresis or feedback resistors may be used.
Figure 18. Temperature Switch Using Voltage Divider and a Comparator
9.2.1.2.2
Thermal Foldback
One application that uses the output voltage of the TMP63 in an active control circuit is thermal foldback. This is
performed to reduce, or fold back, the current driving a string of LEDs, for example. At high temperatures, the
LEDs begin to heat up due to environmental conditions and self heating. Thus, at a certain temperature threshold
based on the LED's safe operating area, the driving current must be reduced to cool down the LEDs and prevent
thermal runaway. The device voltage output increases with temperature when the output is in the lower position
of the voltage divider and can provide a response used to fold back the current. Typically, the device holds the
current at a specified level until a high temperature is reached, known as the knee point, at which the current
must be rapidly reduced in order to continue operation. To better control the temperature/voltage sensitivity, the
device uses a rail-to-rail operational amplifier. Figure 19 shows the temperature knee point where the foldback
begins. The set by the reference voltage (2.5 V) at the positive input, and the feedback resistors set the response
of the foldback curve. The foldback knee point may be chosen based on the output of the voltage divider and the
corresponding temperature from Equation 5 (110°C, for example). The device uses a buffer between the voltage
divider with RTMP63 and the input to the op amp to prevent loading and variations in VTEMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com