Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SED1600 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SED1600
Description  CMOS 80-SEGMENT LCD DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SED1600 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SED1600 Datasheet HTML 2Page - List of Unclassifed Manufacturers SED1600 Datasheet HTML 3Page - List of Unclassifed Manufacturers SED1600 Datasheet HTML 4Page - List of Unclassifed Manufacturers SED1600 Datasheet HTML 5Page - List of Unclassifed Manufacturers SED1600 Datasheet HTML 6Page - List of Unclassifed Manufacturers SED1600 Datasheet HTML 7Page - List of Unclassifed Manufacturers SED1600 Datasheet HTML 8Page - List of Unclassifed Manufacturers SED1600 Datasheet HTML 9Page - List of Unclassifed Manufacturers SED1600 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
475
° Output Timing
SED1600
FR
LP
XSCL
EIO1
EIO2
SEG output
VIH = 0.2 VSS
VIL = 0.8 VSS
tpdEOLLP
VOH = 0.2 VSS
VOL = 0.8 VSS
tpdEOHCL
tpdEOLCL
tpdSLP
tpdSFR
Vn –0.5V
Vn +0.5V
Vn = V0, V2, V3, V5
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
(LP-rise to disable) time
tpdEOLLP
XSCL = “L”
—
—
70
ns
(XSCL-fall to disable) time
tpdEOLCL
LP = “H”
CL = 15 pF
—
—
70
ns
(XSCL-fall to enable) time
tpdEOHCL
—
—
100
ns
(LP-fall to SEG output) time
tpdSLP
V5 = –12.0 to –28.0 V
—
—
4.5
µs
(FR to SEG output) delay time
tpdSFR
CL = 100 pF
—
—
4.5
µs
(VSS = –5.0 V
±10%, Ta = –20 to 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com