Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

536310 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 536310
Description  Compact air cylinder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

536310 Datasheet(HTML) 1 Page - Festo Corporation.

  536310 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact air cylinder
ADN-50-5-A-P-A
Part number: 536310
Data sheet
Feature
Value
Stroke
5 mm
Piston diameter
50 mm
Piston rod thread
M12x1.25
Type code
ADN
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Conforms to standard
ISO 21287
Piston rod end
External thread
Position sensing
For proximity sensor
Symbol
00991217
Variants
Piston rod at one end
Operating pressure
0.6 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
1 J
Theoretical force at 6 bar, retracting
1057 N
Theoretical force at 6 bar, advancing
1178 N
Moving mass at 0 mm stroke
140 g
Additional weight per 10 mm stroke
51 g
Basic weight with 0 mm stroke
540 g
Additional moving mass per 10 mm stroke
16 g
Type of mounting
Optionally:
With through-hole
With accessories
With internal thread
Pneumatic connection
G1/8
Note on materials
RoHS-compliant
Cover material
Anodized
Aluminum
Seals material
TPE-U(PUR)
Piston rod material
High-alloy steel
Material of cylinder barrel
Smooth anodized
Wrought aluminum alloy
6/24/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 536310

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
53631-1 TEC-53631-1 Datasheet
328Kb / 5P
AMPOWER Crimping Die Assemblies
53631-1 TEC-53631-1 Datasheet
531Kb / 2P
AMPOWER QUICK DISCONNECT
logo
Festo Corporation.
536311 FESTO-536311 Datasheet
87Kb / 1P
Compact air cylinder
536312 FESTO-536312 Datasheet
87Kb / 1P
Compact air cylinder
536313 FESTO-536313 Datasheet
88Kb / 1P
Compact air cylinder
More results

Similar Description - 536310

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8076392 FESTO-8076392 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8076398 FESTO-8076398 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076400 FESTO-8076400 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8076412 FESTO-8076412 Datasheet
91Kb / 1P
Compact air cylinder
11/30/21
8091429 FESTO-8091429 Datasheet
92Kb / 1P
Compact air cylinder
11/30/21
8091667 FESTO-8091667 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091668 FESTO-8091668 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8091678 FESTO-8091678 Datasheet
93Kb / 1P
Compact air cylinder
11/30/21
8076322 FESTO-8076322 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
8076334 FESTO-8076334 Datasheet
91Kb / 1P
Compact air cylinder
12/2/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com