Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPM2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DPM2
Description  3 1/2 Digit Subminiature LCD Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DPM2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DPM2 Datasheet HTML 1Page - List of Unclassifed Manufacturers DPM2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications liable to change without prior warning
DPM 2
Issue 5
August/1997
M.C.
Applies to DPM 2/1
PIN FUNCTIONS
ON BOARD LINKS
SAFETY
1. V-
DPM2- negativepower supplyconnection.
DPM2S- C2negativeconnection.
2. INLO
Negativemeasuringinput. Analogueinputs must benocloser than1Vtoeither thepositiveor negativesupply.
3. INHI
Positivemeasuringinput.
Thenegativesupplyof theDPM2S is generatedinternallyandmirrors thepositivesupplyvoltage.
4. COM
Groundfor analoguesectionof A/Dconverter, it isactivelyheldat 2.8VbelowV+andmust not beallowedtosinkexcessivecurrent
(>100 A) by, for instance, connectingtoahigher voltage.
5. REFLO Negativeinput for referencevoltage.
6. REFHI Positiveinput for referencevoltage(connectedviaLinkREFtointernal reference).
7. CAP-
8. CAP+
9. GND
DPM2- noconnection.
DPM2S - 0Vpower supplyconnection.
10. V+
Positivepower supplyconnection.
µ
Onboardlinks canbemadewithasolder linktoimplement features.
DP1 MaketoturnonDP1(199.9).
DP2 MaketoturnonDP2(19.99).
DP3 MaketoturnonDP3(1.999).
REF Factorymade- Connects internal referencetoREFHI. It shouldonlybecut if anexternal referenceisused.
To comply with the Low Voltage Directive (LVD 93/68/EEC), input voltages to the module’s pins must not exceed 60Vdc. If voltages to the
measuring inputs do exceed 60Vdc, then fit scaling resistors externally to the module. The user must ensure that the incorporation of the DPM
into the user’s equipment conforms to the relevant sections of BS EN 61010 (Safety Requirements for Electrical Equipment for Measuring,
Control andLaboratoryUse).
VARIOUS OPERATING MODES
ON-BOARD LINKS: In order to quickly and easily change operating modes for
different applications the meter has several "on-board links". They are designed
to be easily opened (cut) or shorted (soldered).
Do not connect more than one meter to the same power supply if the meters cannot
use the same signal ground. Input filter should be as close as possible to the meter.
Taking any input beyond the power supply rails will damage the meter.
Normally
SHORTED
Cut to
OPEN
Normally
OPEN
Solder to
SHORT
Measuring a floating voltage source
of 200mV full scale (DPM 2).
Measuring 4-20mA to read 0-999.
Supply MUST be isolated. (DPM 2)
Measuring a single ended input
referenced to supply (DPM 2S).
Split supply operation (DPM 2).
Measuring the ratio of two voltages.
Reading = 1000 V /V
50mV< V <200mV
V <2V . (DPM 2)
12
2
12
Measuring current. Supply MUST
be isolated. (DPM 2)
Charge pump capacitor connections (DPM 2S only).
V+
V-
V+
10
4
2
5
3 IN HI
IN LO
REF LO
COM
1
V-
+
-
±200mV
Check Link REF is SHORTED.
10nF
1M
V+
V+
10
2
4
5
3 IN HI
IN LO
COM
REF LO
1 V-
V-
Check Link REF is SHORTED.
10nF
220k
5k
6R2
1M
Iin
Iout
V+
V+
10
3
R
4
5
IN HI
REF LO
IN LO
1 V-
V-
R= 0.2
IFSR
V+
V+
10
6
2
5
3 IN HI
IN LO
REF LO
REF HI
1
V-
V-
+
-
-
+
V1
V2
Check Link REF is OPEN.
Check Link REF is SHORTED.
10nF
1M
V+ +5V
V+
10
4
2
5
3 IN HI
IN LO
REF LO
COM
CAP+
CAP-
9
V- 1
8
7
+
+
-
-
C2
1.5 F
µ
C1
1.5 F
µ
0V
GND
+
-
±200mV
Check Link REF is SHORTED.
10nF
1M
V+
V+
10
4
2
5
3 IN HI
IN LO
14V max.
7V min.
1V
min.
REF LO
COM
1
V-
+
-
±200mV
Check Link REF is SHORTED.
10nF
1M
0V
P.O. Box 897, Windham, NH 03087
(603) 893-0886
(800) 821-0023
FAX (603) 898-6820



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com