Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803922 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803922
Description  IPC 16/ 4-GU-10,16
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803922 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803922 Datasheet HTML 1Page - PHOENIX CONTACT 0803922 Datasheet HTML 2Page - PHOENIX CONTACT 0803922 Datasheet HTML 3Page - PHOENIX CONTACT 0803922 Datasheet HTML 4Page - PHOENIX CONTACT 0803922 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Feb 7, 2011
Extract from the online
catalog
 
IPC 16/ 4-GU-10,16
Order No.: 1969878
The figure shows a 5-pos. version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1969878
 
 
Header, Nominal current: 76 A, Rated voltage (III/2): 1000 V, Number
of positions: 4, Pitch: 10.16 mm, Color: green, Metal surface: Ag,
Assembly: Soldering, Plug direction parallel to the PCB: connector part
rotated by 180° with respect to the plug axis.
 
Commercial data
GTIN (EAN)
4
017918
948627
Note
Made-to-order
sales group
E541
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 425 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
05/05/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
32.1 mm
Pitch
10.16 mm
Dimension a
30.48 mm


Similar Part No. - 0803922

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803922 PHOENIX-0803922 Datasheet
49Kb / 3P
Marker card - SK U/5,0 WH:UNBEDRUCKT
0803922 PHOENIX-0803922 Datasheet
159Kb / 6P
GMKDSP 3/ 2
0803922 PHOENIX-0803922 Datasheet
138Kb / 6P
GMKDSP 3/ 3
0803922 PHOENIX-0803922 Datasheet
145Kb / 6P
MKDSP 10HV/ 2-12,7
0803922 PHOENIX-0803922 Datasheet
154Kb / 5P
IPCV 16/ 3-G-10,16
More results

Similar Description - 0803922

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702507 PHOENIX-1702507 Datasheet
111Kb / 5P
Base strip - DFK-IPC 16/ 3-GU-10,16
1702510 PHOENIX-1702510 Datasheet
79Kb / 3P
Base strip - DFK-IPC 16/ 4-GU-10,16
1702552 PHOENIX-1702552 Datasheet
79Kb / 3P
Base strip - DFK-IPC 16/ 8-GU-10,16
1969894 PHOENIX-1969894 Datasheet
77Kb / 4P
Base strip - IPC 16/ 6-GU-10,16
1969904 PHOENIX-1969904 Datasheet
77Kb / 4P
Base strip - IPC 16/ 7-GU-10,16
1969917 PHOENIX-1969917 Datasheet
77Kb / 4P
Base strip - IPC 16/ 8-GU-10,16
1969920 PHOENIX-1969920 Datasheet
77Kb / 4P
Base strip - IPC 16/ 9-GU-10,16
1969881 PHOENIX-1969881 Datasheet
77Kb / 4P
Base strip - IPC 16/ 5-GU-10,16
1969865 PHOENIX-1969865 Datasheet
77Kb / 4P
Base strip - IPC 16/ 3-GU-10,16
1969852 PHOENIX-1969852 Datasheet
77Kb / 4P
Base strip - IPC 16/ 2-GU-10,16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com