Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5502 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5502 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 44Page - Texas Instruments TMS320VC5502 Datasheet HTML 45Page - Texas Instruments TMS320VC5502 Datasheet HTML 46Page - Texas Instruments TMS320VC5502 Datasheet HTML 47Page - Texas Instruments TMS320VC5502 Datasheet HTML 48Page - Texas Instruments TMS320VC5502 Datasheet HTML 49Page - Texas Instruments TMS320VC5502 Datasheet HTML 50Page - Texas Instruments TMS320VC5502 Datasheet HTML 51Page - Texas Instruments TMS320VC5502 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 195 page
background image
3.6
Universal Asynchronous Receiver/Transmitter (UART)
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166K – APRIL 2001 – REVISED NOVEMBER 2008
www.ti.com
Table 3-8. Timer Signal Selection Register Bit Field Description (continued)
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
IWCON
2:1
R/W
00
Internal WDT output signal connection
•
IWCON = 00:
Internal watchdog timer interrupt (TINT) signal has no internal
connection.
•
IWCON = 01:
Internal watchdog timer interrupt (TINT) signal has an internal
connection to RESET pin.
•
IWCON = 10:
Internal watchdog timer interrupt (TINT) signal has an internal
connection to NMI pin.(1)
•
IWCON = 11:
Internal watchdog timer interrupt (TINT) signal has an internal
connection to INT3 pin.
NMI/WDTOUT_CFG
0
R/W
1
NMI/WDTOUT configuration
•
NMI/WDTOUT_CFG = 0:
NMI/WDTOUT pin is used as the WDTOUT pin.
•
NMI/WDTOUT_CFG = 1:
NMI/WDTOUT pin is used as the NMI input pin.(1)
(1)
If NMI/WDTOUT_CFG = 1 and IWCON = 10, only the WDTOUT signal will drive the NMI signal; the external source driving the
NMI/WDTOUT pin will be ignored.
The UART peripheral is based on the industry-standard TL16C550B asynchronous communications
element, which in turn, is a functional upgrade of the TL16C450. Functionally similar to the TL16C450 on
power up (character or TL16C450 mode), the UART can be placed in an alternate FIFO (TL16C550)
mode. This relieves the CPU of excessive software overhead by buffering received and transmitted
characters. The receiver and transmitter FIFOs store up to 16 bytes, including three additional bits of error
status per byte for the receiver FIFO.
The UART performs serial-to-parallel conversions on data received from a peripheral device or modem
and parallel-to-serial conversion on data received from the CPU. The CPU can read the UART status at
any time. The UART includes control capability and a processor interrupt system that can be configured to
minimize software management of the communications link.
The UART includes a programmable baud rate generator capable of dividing the CPU clock by divisors
from 1 to 65535 and producing a 16
× reference clock for the internal transmitter and receiver logic.
The UART pins are multiplexed with the pins of McBSP2. The Serial Port 2 Mux determines which pins
are connected to the SP0, SP1, SP2, and SP3. If GPIO7 is low at reset, the Serial Port 2 Mux Mode bit in
the External Bus Selection Register (XBSR) will be set to 0 to indicate that the UART module is enabled.
In this mode, the TX and RX signals of the UART will be routed to the SP1 and SP3 pins, respectively. If
GPIO7 is high at reset, the Serial Port 2 Mux Mode bit will be set to 1 to indicate that the UART module is
disabled. In this mode, any reads or writes to the UART registers will result in bus errors if the PERITOEN
bit of the Time-Out Control Register is set to 1.
Functional Overview
48
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com