Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM1100-M-R Datasheet(PDF) 1 Page - Formosa MS

Part # FM1100-M-R
Description  Chip Schottky Barrier Diodes - Silicon epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM1100-M-R Datasheet(HTML) 1 Page - Formosa MS

  FM1100-M-R Datasheet HTML 1Page - Formosa MS FM1100-M-R Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FM120-M-R THRU FM1100-M-R
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O Utilizing Flame
Retardant EpoxyMolding Compound.
For surface mounted applications.
Exceeds environmental standards of MIL-S-19500 /
228
Low leakage current.
Mechanical data
Case : Molded plastic, JEDEC SOD-123 / MINISMA
Terminals : Solder plated, s olderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : 0.04 gram
(V)
(V)
(V)
(V)
(oC)
FM120-M-R
12
20
14
20
FM130-M-R
13
30
21
30
FM140-M-R
14
40
28
40
FM150-M-R
15
50
35
50
FM160-M-R
16
60
42
60
FM180-M-R
18
80
56
80
FM1100-M-R
10
100
70
100
SYMBOLS
MARKING
CODE
Operating
temperature
V
RRM
*1
V
RMS
*2
V
R
*3
V
F
*4
0.50
0.70
0.85
-55 to +125
-55 to +150
MAXIMUM RATINGS (AT T A=25
oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.1
IO
1.0
A
Forward surge current
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
IFSM
30
A
VR = VRRM TA = 25oC
0.1
mA
VR = VRRM TA = 125oC
2.0
mA
Thermal resistance
Junction to ambient
RqJA
98
oC / w
Diode junction capacitance
f=1MHz and applied 4vDC reverse voltage
CJ
120
pF
Storage temperature
TSTG
-55
+150
oC
Reverse current
IR
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
Chip Schottky Barrier Diodes
Silicon epitaxial planer type
Formosa MS
0.161(4.1)
0.146(3.7)
0.012(0.3) Typ.
0.071(1.8)
0.055(1.4)
0.126(3.2)
0.110(2.8)
0.063(1.6)
0.055(1.4)
0.035(0.9) Typ.
0.035(0.9) Typ.
Dimensions in inches and (millimeters)
SOD-123


Similar Part No. - FM1100-M-R

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM1100-M FORMOSA-FM1100-M Datasheet
69Kb / 2P
Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
FM1100-M PACELEADER-FM1100-M Datasheet
130Kb / 2P
SILICON EPITAXIAL PLANCE TYPE
logo
SHENZHEN YONGERJIA INDU...
FM1100-M WINNERJOIN-FM1100-M Datasheet
97Kb / 2P
Chip Schottky Barrier Diodes
logo
Formosa MS
FM1100-MH FORMOSA-FM1100-MH Datasheet
79Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM1100-MH1 FORMOSA-FM1100-MH1 Datasheet
69Kb / 7P
Chip Schottky Barrier Rectifier
More results

Similar Description - FM1100-M-R

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM120-L FORMOSA-FM120-L Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM120-S FORMOSA-FM120-S Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM150L FORMOSA-FM150L Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM0206-L FORMOSA-FM0206-L Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM320-AN FORMOSA-FM320-AN Datasheet
72Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM520-B FORMOSA-FM520-B Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM620-T FORMOSA-FM620-T Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM860-B FORMOSA-FM860-B Datasheet
78Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
FM1520 FORMOSA-FM1520 Datasheet
70Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SK52-B FORMOSA-SK52-B Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com