Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDL36070SA Datasheet(PDF) 1 Page - Schneider Electric

Part # BDL36070SA
Description  PowerPact Circuit Breaker - 70A, 3P, 14kA at 600Y/347V (UL) I-Line - Shunt Trip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BDL36070SA Datasheet(HTML) 1 Page - Schneider Electric

  BDL36070SA Datasheet HTML 1Page - Schneider Electric BDL36070SA Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
BDL36070SA
PowerPact Circuit Breaker - 70A, 3P, 14kA at
600Y/347V (UL) I-Line - Shunt Trip
Main
Range
PowerPact
Product name
PowerPact B
Device short name
BD 070
Product or component type
Circuit breaker
Device application
Distribution
Accessory / separate part type
Shunt trip 110...130 V AC
Complementary
Line Rated Current
70 A
Number of Poles
3P
Control type
Toggle
Breaking capacity code
D
Breaking capacity
25 kA 208Y/120 V AC 50/60 Hz UL 489
25 kA 240 V AC 50/60 Hz UL 489
18 kA 480/277 V AC 50/60 Hz UL 489
18 kA 480 V AC 50/60 Hz UL 489
14 kA 600Y/347 V AC 50/60 Hz UL 489
10 kA 250 V DC UL 489
[Ue] rated operational voltage
525 V AC 50/60 Hz UL 489
[Ics] rated service breaking capacity
25 kA 220...240 V AC 50/60 Hz IEC 60947-2
14 kA 500...525 V AC 50/60 Hz IEC 60947-2
18 kA 380...415 V AC 50/60 Hz IEC 60947-2
18 kA 440 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand voltage
8 kV IEC 60947-2
[Ui] rated insulation voltage
800 V IEC 60947-2
Trip unit technology
Thermal-magnetic
Suitability for isolation
Yes IEC 60947-2
Utilisation category
Category A
Mechanical durability
20000 cycles IEC 947-1 Annex K ed 5.2
Electrical durability
10000 cycles IEC 947-1 Annex K ed 5.2 440 V In
Connection pitch
1.06 in (27 mm)
Local signalling
Presence of auxiliary contacts flag green)
Mounting mode
Clip-on 35 x 15 mm symmetrical DIN rail)
By screws plate)
Jun 25, 2020
1


Similar Part No. - BDL36070SA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDL36070SD SCHNEIDER-BDL36070SD Datasheet
107Kb / 2P
PowerPact Circuit Breaker - 70A, 3P, 14kA at 600Y/347V (UL) I-Line - Shunt Trip
Jun 30, 2020
More results

Similar Description - BDL36070SA

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDL36100SA SCHNEIDER-BDL36100SA Datasheet
116Kb / 3P
PowerPact circuit breaker - 100A, 3P, 14kA at 600Y/347V (UL), Shunt Trip
Jun 22, 2020
BDL36040SA SCHNEIDER-BDL36040SA Datasheet
107Kb / 2P
PowerPact Circuit Breaker - 40A, 3P, 14kA at 600Y/347V (UL) I-Line - Shunt Trip
Jun 25, 2020
BDL36080SA SCHNEIDER-BDL36080SA Datasheet
107Kb / 2P
PowerPact Circuit Breaker - 80A, 3P, 14kA at 600Y/347V (UL) I-Line - Shunt Trip
Jun 25, 2020
BDL36100SD SCHNEIDER-BDL36100SD Datasheet
107Kb / 2P
PowerPact circuit breaker - 100A, 3P, 14kA at 600Y/347V (UL), Shunt Trip
Jun 25, 2020
BDL36030SA SCHNEIDER-BDL36030SA Datasheet
107Kb / 2P
PowerPact Circuit Breaker - 30A, 3P, 14kA at 600Y/347V (UL), Shunt Trip
Jun 30, 2020
BDL36060SA SCHNEIDER-BDL36060SA Datasheet
107Kb / 2P
PowerPact Circuit Breaker - 60A, 3P, 14kA at 600Y/347V (UL) I-Line - Shunt Trip
Jun 30, 2020
BDL36060SD SCHNEIDER-BDL36060SD Datasheet
107Kb / 2P
PowerPact Circuit Breaker - 60A, 3P, 14kA at 600Y/347V (UL) I-Line - Shunt Trip
Jun 30, 2020
BDL36070SD SCHNEIDER-BDL36070SD Datasheet
107Kb / 2P
PowerPact Circuit Breaker - 70A, 3P, 14kA at 600Y/347V (UL) I-Line - Shunt Trip
Jun 30, 2020
BDL36080SD SCHNEIDER-BDL36080SD Datasheet
107Kb / 2P
PowerPact Circuit Breaker - 80A, 3P, 14kA at 600Y/347V (UL) I-Line - Shunt Trip
Jun 30, 2020
BDM36070 SCHNEIDER-BDM36070 Datasheet
116Kb / 3P
PowerPact - circuit breaker 70A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com