Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP1245C-R22M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP1245C-R22M
Description  SRP1245C Series - Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP1245C-R22M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP1245C-R22M Datasheet HTML 1Page - Bourns Electronic Solutions SRP1245C-R22M Datasheet HTML 2Page - Bourns Electronic Solutions SRP1245C-R22M Datasheet HTML 3Page - Bourns Electronic Solutions SRP1245C-R22M Datasheet HTML 4Page - Bourns Electronic Solutions SRP1245C-R22M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
■
Shielded construction
■
Metal alloy powder core
■
High saturation current
■
Low buzz noise
■
Inductance range: 0.15 to 22 µH
■
RoHS compliant* and halogen free**
SRP1245C Series - Shielded Power Inductors
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Rated Current
............ Inductance drops 30 % at Isat
Temperature Rise ... 40 °C at rated Irms1
Moisture Sensitivity Level ..................... 1
ESD Classification (HBM)................. N/A
1 Circuit design, component, PCB trace
size and thickness, airflow and other
cooling provisions all
can affect the part
temperature. Part temperature should be
verified in the end application.
Electrical Specifications @ 25 °C
General Specifications
Core.......................... Metal alloy powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging....... 500 pcs. per 13-inch reel
Materials
Recommended Layout
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if
(a) the Bromine (Br) content is 900 ppm or less; (b)
the Chlorine (Cl) content is 900 ppm or less; and (c)
the total Bromine (Br) and Chlorine (Cl) content is
1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications. The products described herein and
this document are subject to specific legal disclaimers as
set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
Bourns
Part Number
Inductance
@ 100 kHz
/ 1 V
Q (Min.)
@100 kHz
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
Irms
(A)
Typ.
Isat
(A)
Typ.
Terminal
Type
L
(μH)
Tol.
(%)
SRP1245C-R15Y
0.15
30
15
147
0.36
0.41
55
100
non-
leadframe
SRP1245C-R22M
0.22
20
15
120
0.5
0.55
48
95
SRP1245C-R36M
0.36
20
20
100
0.75
0.83
41
80
SRP1245C-R47M
0.47
20
20
70
0.96
1.15
38
65
SRP1245C-R68M
0.68
20
20
58
1.4
1.6
32
54
SRP1245C-1R0M
1.0
20
20
42
2
2.4
30
50
leadframe
SRP1245C-1R5M
1.5
20
20
32
3
3.5
27
48
SRP1245C-2R2M
2.2
20
20
27
4.3
5
25
40
SRP1245C-3R3M
3.3
20
20
25
7.3
8.4
20
32
SRP1245C-4R7M
4.7
20
20
20
11.4
15
14
27
SRP1245C-6R8M
6.8
20
20
16
14.5
16.7
12
23
SRP1245C-8R2M
8.2
20
20
13
18.6
21.5
11.5
20
SRP1245C-100M
10
20
20
10
21.4
25.5
11
17
SRP1245C-150M
15
20
20
8
32.6
38
9
13
SRP1245C-220M
22
20
20
6
50
58
7.5
11
R47
1933H
Please consult Bourns® Model SRP-A
Series Visual Inspection Guide for detailed
construction, processing and testing
information.
Product Dimensions
Non-Lead Frame Terminal
Lead Frame Terminal
DIMENSIONS:
MM
(INCHES)
How to Order
SRP1245C - 100M
Model
Value Code (see table)
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
14.5
(.571)
8.0
(.315)
5.0
(.197)
100
YYWWH
12.6 ± 0.3
(.496 ± .012)
4.7 ± 0.3
(.185 ± .012)
2.6 ± 0.4
(.102 ± .016)
13.5 ± 0.5
(.531 ± .020)
12.6 ± 0.2
(.496 ± .008)
E
4.0 ± 0.3
(.157 ± .012)
4.7 ± 0.3
(.185 ± .012)
SRP1245C-R47M through -R68M:
E:
E:
SRP1245C-R15Y through -R36M
and SRP1245C-1R0M through -2R2M:
R47
YYWWH
12.6 ± 0.3
(.496 ± .012)
13.5 ± 0.5
(.531 ± .020)
4.7 ± 0.3
(.185 ± .012)
2.6 ± 0.4
(.102 ± .016)
12.6 ± 0.2
(.496 ± .008)
E


Similar Part No. - SRP1245C-R22M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1245CC BOURNS-SRP1245CC Datasheet
176Kb / 5P
Shielded Power Inductors
REV. 07/23
SRP1245CC-100M BOURNS-SRP1245CC-100M Datasheet
176Kb / 5P
Shielded Power Inductors
REV. 07/23
SRP1245CC-150M BOURNS-SRP1245CC-150M Datasheet
176Kb / 5P
Shielded Power Inductors
REV. 07/23
SRP1245CC-1R0M BOURNS-SRP1245CC-1R0M Datasheet
176Kb / 5P
Shielded Power Inductors
REV. 07/23
SRP1245CC-1R5M BOURNS-SRP1245CC-1R5M Datasheet
176Kb / 5P
Shielded Power Inductors
REV. 07/23
More results

Similar Description - SRP1245C-R22M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
SRP1270 Series - Shielded Power Inductors
SRP0312 BOURNS-SRP0312 Datasheet
222Kb / 5P
SRP0312 Series - Shielded Power Inductors
SRP1265C BOURNS-SRP1265C Datasheet
680Kb / 5P
SRP1265C Series - Shielded Power Inductors
SRP3020C BOURNS-SRP3020C Datasheet
208Kb / 5P
SRP3020C Series ??Shielded Power Inductors
SRP0410 BOURNS-SRP0410 Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0412 BOURNS-SRP0412 Datasheet
671Kb / 5P
SRP0412 Series - Shielded Power Inductors
SRP0415 BOURNS-SRP0415 Datasheet
591Kb / 5P
SRP0415 Series - Shielded Power Inductors
REV. 04/21
SRP0512 BOURNS-SRP0512 Datasheet
583Kb / 5P
SRP0512 Series - Shielded Power Inductors
REV. 04/21
SRP0615 BOURNS-SRP0615 Datasheet
837Kb / 5P
SRP0615 Series - Shielded Power Inductors
REV. 06/22
SRP1265WA BOURNS-SRP1265WA Datasheet
696Kb / 5P
SRP1265WA Series - Shielded Power Inductors
01/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com