Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP5020C-R47M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP5020C-R47M
Description  SRP5020C Series ??Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP5020C-R47M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP5020C-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRP5020C-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRP5020C-R47M Datasheet HTML 3Page - Bourns Electronic Solutions SRP5020C-R47M Datasheet HTML 4Page - Bourns Electronic Solutions SRP5020C-R47M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Soldering Profile
L vs. I Charts
08
24
16
32
40
SRP5020C-R10Y
0.15
0.12
0.09
0.06
0.03
0
DC Current (A)
05
15
10
20
25
DC Current (A)
100
80
60
40
20
0
04
12
816
20
SRP5020C-R33M
0.50
0.40
0.30
0.20
0.10
0
DC Current (A)
100
80
60
40
20
0
0
2.5
7.5
5.0
10.0
12.5
SRP5020C-1R0M
1.50
1.20
0.90
0.60
0.30
0
DC Current (A)
100
80
60
40
20
0
0
2.5
7.5
5.0
10.0
12.5
SRP5020C-1R5M
2.00
1.60
1.20
0.80
0.40
0
DC Current (A)
100
80
60
40
20
0
02
6
48
10
SRP5020C-2R2M
3.00
2.40
1.80
1.20
0.60
0
DC Current (A)
100
80
60
40
20
0
0
3.5
10.5
7.0
14.0
17.5
SRP5020C-R47M
0.60
0.48
0.36
0.24
0.12
0
DC Current (A)
100
80
60
40
20
0
03
9
612
15
SRP5020C-R68M
1.0
0.8
0.6
0.4
0.2
0
DC Current (A)
100
80
60
40
20
0
09
27
18
36
SRP5020C-R15Y
SRP5020C-R22M
0.20
0.16
0.12
0.08
0.04
0
0.30
0.24
0.18
0.12
0.06
0
DC Current (A)
100
80
60
40
20
0
100
80
60
40
20
0
SRP5020C Series – Shielded Power Inductors
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com