Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP5030C-R33M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRP5030C-R33M
Description  SRP5030C Series ??Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP5030C-R33M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRP5030C-R33M Datasheet HTML 1Page - Bourns Electronic Solutions SRP5030C-R33M Datasheet HTML 2Page - Bourns Electronic Solutions SRP5030C-R33M Datasheet HTML 3Page - Bourns Electronic Solutions SRP5030C-R33M Datasheet HTML 4Page - Bourns Electronic Solutions SRP5030C-R33M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Shieldedconstruction
n
Metalalloypowdercore
n
Highsaturationcurrent
n
Lowbuzznoise
n
Inductancerange0.1to10µH
n
RoHScompliant*andhalogenfree**
SRP5030C Series – Shielded Power Inductors
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature (Component)
................................-40 °C to +125 °C
Rated Current
............ Inductance drops 30 % at Isat
Temperature Rise ... 40 °C at rated Irms1
MSL ......................................................1
ESD Classification (HBM).................N/A
Note1:Circuitdesign,component,PCBtracesizeand
thickness,airflowandothercoolingprovisionsallcan
affecttheparttemperature.Parttemperatureshouldbe
verifiedintheendapplication.
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
@ 100 kHz / 1 V
Q
Min. @
100 kHz
SRF
(MHz)
Typ.
DCR
(mΩ)
Typ.
DCR
(mΩ)
Max.
I rms
(A)
Typ.
I sat
(A)
Typ.
L (µH)
Tol. %
SRP5030C-R10Y
0.10
± 30 %
10
177
2.5
3
25
33
SRP5030C-R12Y
0.12
± 30 %
10
177
2.5
3
23
31
SRP5030C-R15Y
0.15
± 30 %
12
130
2.6
3.2
22
30
SRP5030C-R33M
0.33
± 20 %
12
85
4.4
5
17
20
SRP5030C-R47M
0.47
± 20 %
20
60
6.4
7.4
16
17
SRP5030C-R68M
0.68
± 20 %
20
56
8.7
10
12
15
SRP5030C-1R0M
1.0
± 20 %
20
43
12
14
10
12
SRP5030C-1R5M
1.5
± 20 %
20
35
16
19
8
10.5
SRP5030C-2R2M
2.2
± 20 %
20
30
26
32
7
8
SRP5030C-3R3M
3.3
± 20 %
20
25
33
38
5
7
SRP5030C-4R7M
4.7
± 20 %
20
20
50
53
4
6
SRP5030C-5R6M
5.6
± 20 %
20
18
55
63
3.6
5
SRP5030C-6R8M
6.8
± 20 %
20
16
63
72
3.3
4
SRP5030C-100M
10
± 20 %
20
15
102
122
2.8
2.8
General Specifications
Core..........................Metal alloy powder
Wire ............................Enameled copper
Terminal Finish ...................................Sn
Packaging..... 2000 pcs. per 13-inch reel
Materials
Schematic
How to Order
SRP5030C - 100M
Model
Value Code (see table)
4R7
YWWH
5.7 ± 0.3
(.224 ± .012)
0 ~ 0.15
(0 ~ .006)
5.2 ± 0.2
(.205 ± .008)
2.8 ± 0.2
(.110 ± .008)
2.0 ± 0.2
(.079 ± .008)
1.1 ± 0.4
(.043 ± .016)
5.2 ± 0.3
(.205 ± .012)
Product Dimensions
6.0
(.236)
REF.
2.8
(.110)
REF.
2.5
(.098)
REF.
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Recommended Layout
Typical Part Marking
* RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine
(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageof
thisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
4R7
YWWH
INDUCTANCE
CODE
DATE CODE:
Y = LAST DIGIT OF YEAR
WW = WEEK NUMBER
MATERIAL CODE


Similar Part No. - SRP5030C-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP5030CA BOURNS-SRP5030CA Datasheet
579Kb / 5P
Shielded Power Inductors
SRP5030CA-1R0M BOURNS-SRP5030CA-1R0M Datasheet
579Kb / 5P
Shielded Power Inductors
SRP5030CA-1R2M BOURNS-SRP5030CA-1R2M Datasheet
579Kb / 5P
Shielded Power Inductors
SRP5030CA-1R5M BOURNS-SRP5030CA-1R5M Datasheet
579Kb / 5P
Shielded Power Inductors
SRP5030CA-1R8M BOURNS-SRP5030CA-1R8M Datasheet
579Kb / 5P
Shielded Power Inductors
More results

Similar Description - SRP5030C-R33M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRP1270 BOURNS-SRP1270 Datasheet
288Kb / 3P
SRP1270 Series - Shielded Power Inductors
SRP0312 BOURNS-SRP0312 Datasheet
222Kb / 5P
SRP0312 Series - Shielded Power Inductors
SRP1245C BOURNS-SRP1245C Datasheet
228Kb / 5P
SRP1245C Series - Shielded Power Inductors
SRP1265C BOURNS-SRP1265C Datasheet
680Kb / 5P
SRP1265C Series - Shielded Power Inductors
SRP3020C BOURNS-SRP3020C Datasheet
208Kb / 5P
SRP3020C Series ??Shielded Power Inductors
SRP0410 BOURNS-SRP0410 Datasheet
756Kb / 5P
SRP0410 Series - Shielded Power Inductors
REV. 06/22
SRP0412 BOURNS-SRP0412 Datasheet
671Kb / 5P
SRP0412 Series - Shielded Power Inductors
SRP0415 BOURNS-SRP0415 Datasheet
591Kb / 5P
SRP0415 Series - Shielded Power Inductors
REV. 04/21
SRP0512 BOURNS-SRP0512 Datasheet
583Kb / 5P
SRP0512 Series - Shielded Power Inductors
REV. 04/21
SRP1265WA BOURNS-SRP1265WA Datasheet
696Kb / 5P
SRP1265WA Series - Shielded Power Inductors
01/22
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com