Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP5030C-R68M Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SRP5030C-R68M
Description  SRP5030C Series ??Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP5030C-R68M Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SRP5030C-R68M Datasheet HTML 1Page - Bourns Electronic Solutions SRP5030C-R68M Datasheet HTML 2Page - Bourns Electronic Solutions SRP5030C-R68M Datasheet HTML 3Page - Bourns Electronic Solutions SRP5030C-R68M Datasheet HTML 4Page - Bourns Electronic Solutions SRP5030C-R68M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Soldering Profile
L vs. I Charts
0
7
21
14
28
35
SRP5030C-R10Y
0.15
0.12
0.09
0.06
0.03
0
DC Current (A)
100
80
60
40
20
0
0
5
15
10
20
25
SRP5030C-R33M
0.50
0.40
0.30
0.20
0.10
0
DC Current (A)
100
80
60
40
20
0
0
3
9
6
12
15
SRP5030C-1R0M
1.50
1.20
0.90
0.60
0.30
0
DC Current (A)
100
80
60
40
20
0
0
1.6
4.8
3.2
6.4
8.0
SRP5030C-3R3M
4.50
3.60
2.70
1.80
0.90
0
DC Current (A)
100
80
60
40
20
0
0
1.0
3.0
2.0
4.0
5.0
SRP5030C-6R8M
10.0
8.0
6.0
4.0
2.0
0
DC Current (A)
100
80
60
40
20
0
0
0.7
2.1
1.4
2.8
3.5
SRP5030C-100M
15.0
12.0
9.0
6.0
3.0
0
DC Current (A)
100
80
60
40
20
0
0
1.5
4.5
3.0
6.0
7.5
SRP5030C-4R7M
6.00
4.80
3.60
2.40
1.20
0
DC Current (A)
100
80
60
40
20
0
0
1.2
3.6
2.4
4.8
6.0
SRP5030C-5R6M
8.00
6.40
4.80
3.20
1.60
0
DC Current (A)
100
80
60
40
20
0
0
2.5
7.5
5.0
10.0
12.5
SRP5030C-1R5M
2.00
1.60
1.20
0.80
0.40
0
DC Current (A)
100
80
60
40
20
0
0
2
6
4
8
10
SRP5030C-2R2M
3.00
2.40
1.80
1.20
0.60
0
DC Current (A)
100
80
60
40
20
0
0
5
15
10
20
25
SRP5030C-R47M
0.60
0.48
0.36
0.24
0.12
0
DC Current (A)
100
80
60
40
20
0
0
3.5
10.5
7.0
14.0
17.5
SRP5030C-R68M
1.00
0.80
0.60
0.40
0.20
0
DC Current (A)
100
80
60
40
20
0
0
7
21
14
28
35
SRP5030C-R12Y
0.20
0.16
0.12
0.08
0.04
0
DC Current (A)
100
80
60
40
20
0
0
7
21
14
28
35
SRP5030C-R15Y
0.20
0.16
0.12
0.08
0.04
0
DC Current (A)
100
80
60
40
20
0
SRP5030C Series – Shielded Power Inductors
25
Time (Seconds)
REFLOW TIMES: 3 MAX.
150
200
217
tp (245 °C / 20~40 seconds)
TP (260 °C / 10 seconds max.)
PRE-HEATING
SOLDERING
NATURAL
COOLING
60 ~ 150 seconds
60 ~ 180 seconds
480 seconds max.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com