Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDP36070 Datasheet(PDF) 1 Page - Schneider Electric

Part # BDP36070
Description  PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BDP36070 Datasheet(HTML) 1 Page - Schneider Electric

  BDP36070 Datasheet HTML 1Page - Schneider Electric BDP36070 Datasheet HTML 2Page - Schneider Electric BDP36070 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
BDP36070
PowerPact B Circuit Breaker, 70A, 3P,
600Y/347V AC, 14kA at 600Y/347 UL EverLink
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,195.00 USD
Main
Range
PowerPact
Product name
PowerPact B
Device short name
BD 070
Product or component type
Circuit breaker
Device application
Distribution
Complementary
Line Rated Current
70 A
Number of Poles
3P
Control type
Toggle
Breaking capacity code
D
Breaking capacity
25 kA 208Y/120 V AC 50/60 Hz UL 489
25 kA 240 V AC 50/60 Hz UL 489
18 kA 480/277 V AC 50/60 Hz UL 489
18 kA 480 V AC 50/60 Hz UL 489
14 kA 600Y/347 V AC 50/60 Hz UL 489
10 kA 250 V DC UL 489
[Ue] rated operational voltage
525 V AC 50/60 Hz UL 489
[Ics] rated service breaking capacity
25 kA 220...240 V AC 50/60 Hz IEC 60947-2
14 kA 500...525 V AC 50/60 Hz IEC 60947-2
18 kA 380...415 V AC 50/60 Hz IEC 60947-2
18 kA 440 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand voltage
8 kV IEC 60947-2
[Ui] rated insulation voltage
800 V IEC 60947-2
Trip unit technology
Thermal-magnetic
Suitability for isolation
Yes IEC 60947-2
Utilisation category
Category A
Mechanical durability
20000 cycles IEC 947-1 Annex K ed 5.2
Jun 25, 2020
1


Similar Part No. - BDP36070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDP36000S12 SCHNEIDER-BDP36000S12 Datasheet
110Kb / 2P
Automatic Switch, PowerPact B, Unit Mount, 600Y/347 V AC, 125 A, 3 Pole, EverLink
Jun 22, 2020
BDP36015 SCHNEIDER-BDP36015 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 15A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020
BDP36020 SCHNEIDER-BDP36020 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 20A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020
BDP36025 SCHNEIDER-BDP36025 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 25A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020
BDP36030 SCHNEIDER-BDP36030 Datasheet
116Kb / 3P
PowerPact B Circuit Breaker, 30A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020
More results

Similar Description - BDP36070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDL26070 SCHNEIDER-BDL26070 Datasheet
109Kb / 3P
PowerPact B Circuit Breaker, 70A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 22, 2020
BDL36070 SCHNEIDER-BDL36070 Datasheet
136Kb / 3P
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 22, 2020
BGL36070 SCHNEIDER-BGL36070 Datasheet
135Kb / 3P
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 21, 2020
BDL46070 SCHNEIDER-BDL46070 Datasheet
123Kb / 3P
PowerPact B Circuit Breaker, 70A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 25, 2020
BDM36070 SCHNEIDER-BDM36070 Datasheet
116Kb / 3P
PowerPact - circuit breaker 70A, 3P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jun 30, 2020
BDM26070 SCHNEIDER-BDM26070 Datasheet
93Kb / 3P
PowerPact B Circuit Breaker, 70A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020
BDM46070 SCHNEIDER-BDM46070 Datasheet
118Kb / 2P
PowerPact B Circuit Breaker, 70A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020
BDP26070 SCHNEIDER-BDP26070 Datasheet
93Kb / 3P
PowerPact B Circuit Breaker, 70A, 2P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020
BDP46070 SCHNEIDER-BDP46070 Datasheet
118Kb / 2P
PowerPact B Circuit Breaker, 70A, 4P, 600Y/347V AC, 14kA at 600Y/347 UL EverLink
Jul 6, 2020
BJM36070 SCHNEIDER-BJM36070 Datasheet
119Kb / 3P
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 25kA at 600Y/347 UL EverLink
Jul 6, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com