Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3040407 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3040407
Description  SC 2,5/ 1-L GNYE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3040407 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3040407 Datasheet HTML 1Page - PHOENIX CONTACT 3040407 Datasheet HTML 2Page - PHOENIX CONTACT 3040407 Datasheet HTML 3Page - PHOENIX CONTACT 3040407 Datasheet HTML 4Page - PHOENIX CONTACT 3040407 Datasheet HTML 5Page - PHOENIX CONTACT 3040407 Datasheet HTML 6Page - PHOENIX CONTACT 3040407 Datasheet HTML 7Page - PHOENIX CONTACT 3040407 Datasheet HTML 8Page - PHOENIX CONTACT 3040407 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 11
http://www.phoenixcontact.de
Feb 10, 2011
Extract from the online
catalog
 
SC 2,5/ 1-L GNYE
Order No.: 3042201
The illustration shows the version SC 2,5/1L in the design gray, blue and
green-yellow
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3042201
 
 
Coupling, Type of connection: Spring-cage connection, Spring-cage
connection, Number of positions: 1, Cross section: 0.08 mm² - 4 mm²,
AWG 28 - 12, Width: 5.2 mm, Height: 21.8 mm, Color: green-yellow,
Mounting type: On mounting plate
 
Commercial data
GTIN (EAN)
4
017918
922580
sales group
A672
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 270 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions
Width
5.2 mm
Length
37.2 mm
Height
21.8 mm


Similar Part No. - 3040407

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3040407 PHOENIX-3040407 Datasheet
150Kb / 11P
SC 2,5/ 2
3040407 PHOENIX-3040407 Datasheet
154Kb / 11P
SC 2,5/ 1-L
3040407 PHOENIX-3040407 Datasheet
154Kb / 11P
SC 2,5/ 1-L BU
3040407 PHOENIX-3040407 Datasheet
149Kb / 11P
SC 2,5/ 3
3040407 PHOENIX-3040407 Datasheet
149Kb / 11P
SC 2,5/ 4
More results

Similar Description - 3040407

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3040708 PHOENIX-3040708 Datasheet
226Kb / 5P
SP 2,5/ 1 GNYE
3041040 PHOENIX-3041040 Datasheet
95Kb / 4P
SPV 2,5/ 1-L GNYE
3042188 PHOENIX-3042188 Datasheet
154Kb / 11P
SC 2,5/ 1-L
3042191 PHOENIX-3042191 Datasheet
154Kb / 11P
SC 2,5/ 1-L BU
3042612 PHOENIX-3042612 Datasheet
129Kb / 9P
COMBI receptacle - SC 4/ 1-L GNYE
3042777 PHOENIX-3042777 Datasheet
206Kb / 5P
SP 4/ 1-L GNYE
3045334 PHOENIX-3045334 Datasheet
115Kb / 5P
UPBV 2,5/ 1-L GNYE
3043129 PHOENIX-3043129 Datasheet
232Kb / 5P
SPB 2,5/ 1-L GNYE
3043213 PHOENIX-3043213 Datasheet
265Kb / 16P
Plug - SPDB 2,5/ 1-L GNYE
3042230 PHOENIX-3042230 Datasheet
337Kb / 30P
COMBI receptacle - SC 2,5-RZ/ 1-L GNYE
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com