Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGF36070 Datasheet(PDF) 1 Page - Schneider Electric

Part # BGF36070
Description  Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGF36070 Datasheet(HTML) 1 Page - Schneider Electric

  BGF36070 Datasheet HTML 1Page - Schneider Electric BGF36070 Datasheet HTML 2Page - Schneider Electric BGF36070 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
BGF36070
Circuit breaker, PowerPact B, 70A, 3 poles,
600Y/347V AC, 18kA at 600Y/347 UL, terminal
nuts
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,531.00 USD
Main
Range
PowerPact
Product name
PowerPact B
Device short name
BG 070
Product or component type
Circuit breaker
Device application
Distribution
Complementary
Line Rated Current
70 A
Number of Poles
3P
Protected poles description
3t
Control type
Toggle
Breaking capacity code
G
Breaking capacity
65 kA 208Y/120 V AC 50/60 Hz UL 489
65 kA 240 V AC 50/60 Hz UL 489
35 kA 480/277 V AC 50/60 Hz UL 489
35 kA 480 V AC 50/60 Hz UL 489
18 kA 250 V DC UL 489
18 kA 600Y/347 V AC 50/60 Hz UL 489
[Ue] rated operational voltage
525 V AC 50/60 Hz UL 489
[Ics] rated service breaking capacity
65 kA 220...240 V AC 50/60 Hz IEC 60947-2
18 kA 500...525 V AC 50/60 Hz IEC 60947-2
35 kA 380...415 V AC 50/60 Hz IEC 60947-2
35 kA 440 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand voltage
8 kV IEC 60947-2
[Ui] rated insulation voltage
800 V IEC 60947-2
Trip unit technology
Thermal-magnetic
Trip unit name
TM-D
Jun 25, 2020
1


Similar Part No. - BGF36070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BGF36015 SCHNEIDER-BGF36015 Datasheet
111Kb / 3P
Circuit breaker, PowerPact B, 15A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 22, 2020
BGF36020 SCHNEIDER-BGF36020 Datasheet
113Kb / 3P
Circuit breaker, PowerPact B, 20A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BGF36025 SCHNEIDER-BGF36025 Datasheet
114Kb / 3P
Circuit breaker, PowerPact B, 25A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 22, 2020
BGF36030 SCHNEIDER-BGF36030 Datasheet
114Kb / 3P
Circuit breaker, PowerPact B, 30A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 22, 2020
BGF36035 SCHNEIDER-BGF36035 Datasheet
110Kb / 3P
Circuit breaker, PowerPact B, 35A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 30, 2020
More results

Similar Description - BGF36070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDF36070 SCHNEIDER-BDF36070 Datasheet
113Kb / 3P
Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, terminal nuts
Jun 22, 2020
BGF36015 SCHNEIDER-BGF36015 Datasheet
111Kb / 3P
Circuit breaker, PowerPact B, 15A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 22, 2020
BGF36050 SCHNEIDER-BGF36050 Datasheet
118Kb / 3P
Circuit breaker, PowerPact B, 50A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BGF36060 SCHNEIDER-BGF36060 Datasheet
113Kb / 3P
Circuit breaker, PowerPact B, 60A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BGF36080 SCHNEIDER-BGF36080 Datasheet
113Kb / 3P
Circuit breaker, PowerPact B, 80A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BGF36090 SCHNEIDER-BGF36090 Datasheet
112Kb / 3P
Circuit breaker, PowerPact B, 90A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BJF36070 SCHNEIDER-BJF36070 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BGF26070 SCHNEIDER-BGF26070 Datasheet
100Kb / 3P
Circuit breaker, PowerPact B, 70A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 30, 2020
BGF36045 SCHNEIDER-BGF36045 Datasheet
113Kb / 3P
Circuit breaker, PowerPact B, 45A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 30, 2020
BGF46070 SCHNEIDER-BGF46070 Datasheet
117Kb / 3P
Circuit breaker, PowerPact B, 70A, 4 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 30, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com