Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGL36070LU Datasheet(PDF) 1 Page - Schneider Electric

Part # BGL36070LU
Description  Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGL36070LU Datasheet(HTML) 1 Page - Schneider Electric

  BGL36070LU Datasheet HTML 1Page - Schneider Electric BGL36070LU Datasheet HTML 2Page - Schneider Electric BGL36070LU Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
BGL36070LU
Circuit breaker, PowerPact B, 70A, 3 poles,
600Y/347V AC, 18kA at 600Y/347 UL, Everlink,
control wire ON end
Price** : 1,642.00 USD
Main
Range
PowerPact
Product name
PowerPact B
Device short name
BG 070
Product or component type
Circuit breaker
Device application
Distribution
Complementary
Line Rated Current
70 A
Number of Poles
3P
Protected poles description
3t
Control type
Toggle
Breaking capacity code
G
Breaking capacity
65 kA 208Y/120 V AC 50/60 Hz UL 489
65 kA 240 V AC 50/60 Hz UL 489
35 kA 480/277 V AC 50/60 Hz UL 489
35 kA 480 V AC 50/60 Hz UL 489
18 kA 250 V DC UL 489
18 kA 600Y/347 V AC 50/60 Hz UL 489
[Ue] rated operational voltage
525 V AC 50/60 Hz UL 489
[Ics] rated service breaking capacity
65 kA 220...240 V AC 50/60 Hz IEC 60947-2
18 kA 500...525 V AC 50/60 Hz IEC 60947-2
35 kA 380...415 V AC 50/60 Hz IEC 60947-2
35 kA 440 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand voltage
8 kV IEC 60947-2
[Ui] rated insulation voltage
800 V IEC 60947-2
Trip unit technology
Thermal-magnetic
Trip unit name
TM-D
Suitability for isolation
Yes IEC 60947-2
Jun 25, 2020
1


Similar Part No. - BGL36070LU

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BGL36070 SCHNEIDER-BGL36070 Datasheet
135Kb / 3P
PowerPact B Circuit Breaker, 70A, 3P, 600Y/347V AC, 18kA at 600Y/347 UL EverLink
Jun 21, 2020
More results

Similar Description - BGL36070LU

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDL36070LU SCHNEIDER-BDL36070LU Datasheet
116Kb / 3P
Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, Everlink, control wire ON end
Jun 22, 2020
BGL36060LU SCHNEIDER-BGL36060LU Datasheet
117Kb / 3P
Circuit breaker, PowerPact B, 60A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
Jun 22, 2020
BGL36100LU SCHNEIDER-BGL36100LU Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 100A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
Jun 22, 2020
BGL36020LU SCHNEIDER-BGL36020LU Datasheet
116Kb / 3P
Circuit breaker, PowerPact B, 20A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
Jun 25, 2020
BGL36040LU SCHNEIDER-BGL36040LU Datasheet
117Kb / 3P
Circuit breaker, PowerPact B, 40A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
Jun 25, 2020
BJL36070LU SCHNEIDER-BJL36070LU Datasheet
120Kb / 3P
Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, Everlink, control wire ON end
Jun 25, 2020
BGL36045LU SCHNEIDER-BGL36045LU Datasheet
117Kb / 3P
Circuit breaker, PowerPact B, 45A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
Jun 30, 2020
BGL36110LU SCHNEIDER-BGL36110LU Datasheet
118Kb / 3P
Circuit breaker, PowerPact B, 110A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
Jun 30, 2020
BGL46070LU SCHNEIDER-BGL46070LU Datasheet
123Kb / 3P
Circuit breaker, PowerPact B, 70A, 4 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
Jun 30, 2020
BGL26070LU SCHNEIDER-BGL26070LU Datasheet
103Kb / 3P
Circuit breaker, PowerPact B, 70A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
Jul 6, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com