Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BJF36070 Datasheet(PDF) 1 Page - Schneider Electric

Part # BJF36070
Description  Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BJF36070 Datasheet(HTML) 1 Page - Schneider Electric

  BJF36070 Datasheet HTML 1Page - Schneider Electric BJF36070 Datasheet HTML 2Page - Schneider Electric BJF36070 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
BJF36070
Circuit breaker, PowerPact B, 70A, 3 poles,
600Y/347V AC, 25kA at 600Y/347 UL, terminal
nuts
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,889.00 USD
Main
Range
PowerPact
Product name
PowerPact B
Device short name
BJ 070
Product or component type
Circuit breaker
Device application
Distribution
Complementary
Line Rated Current
70 A
Number of Poles
3P
Protected poles description
3t
Control type
Toggle
Breaking capacity code
J
Breaking capacity
100 kA 208Y/120 V AC 50/60 Hz UL 489
100 kA 240 V AC 50/60 Hz UL 489
65 kA 480/277 V AC 50/60 Hz UL 489
65 kA 480 V AC 50/60 Hz UL 489
25 kA 600Y/347 V AC 50/60 Hz UL 489
50 kA 250 V DC UL 489
[Ue] rated operational voltage
690 V AC 50/60 Hz UL 489
[Ics] rated service breaking capacity
100 kA 220...240 V AC 50/60 Hz IEC 60947-2
25 kA 500...525 V AC 50/60 Hz IEC 60947-2
2.5 kA 690 V AC 50/60 Hz IEC 60947-2
65 kA 380...415 V AC 50/60 Hz IEC 60947-2
65 kA 440 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand voltage
8 kV IEC 60947-2
[Ui] rated insulation voltage
800 V IEC 60947-2
Trip unit technology
Thermal-magnetic
Jun 25, 2020
1


Similar Part No. - BJF36070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BJF36015 SCHNEIDER-BJF36015 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 15A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 22, 2020
BJF36020 SCHNEIDER-BJF36020 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 20A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 22, 2020
BJF36025 SCHNEIDER-BJF36025 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 25A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 30, 2020
BJF36030 SCHNEIDER-BJF36030 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 30A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 22, 2020
BJF36035 SCHNEIDER-BJF36035 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 35A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 30, 2020
More results

Similar Description - BJF36070

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
BDF36070 SCHNEIDER-BDF36070 Datasheet
113Kb / 3P
Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 14kA at 600Y/347 UL, terminal nuts
Jun 22, 2020
BGF36070 SCHNEIDER-BGF36070 Datasheet
111Kb / 3P
Circuit breaker, PowerPact B, 70A, 3 poles, 600Y/347V AC, 18kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BJF36040 SCHNEIDER-BJF36040 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 40A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BJF36050 SCHNEIDER-BJF36050 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 50A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BJF36080 SCHNEIDER-BJF36080 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 80A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BJF36125 SCHNEIDER-BJF36125 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 125A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 25, 2020
BJF36025 SCHNEIDER-BJF36025 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 25A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 30, 2020
BJF36045 SCHNEIDER-BJF36045 Datasheet
115Kb / 3P
Circuit breaker, PowerPact B, 45A, 3 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jun 30, 2020
BJF26070 SCHNEIDER-BJF26070 Datasheet
104Kb / 3P
Circuit breaker, PowerPact B, 70A, 2 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jul 6, 2020
BJF46070 SCHNEIDER-BJF46070 Datasheet
121Kb / 3P
Circuit breaker, PowerPact B, 70A, 4 poles, 600Y/347V AC, 25kA at 600Y/347 UL, terminal nuts
Jul 6, 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com