Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0504PC Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # AR0504PC
Description  Ultra Low Capacitance TVS Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

AR0504PC Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  AR0504PC Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. AR0504PC Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. AR0504PC Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. AR0504PC Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Revision 12/2017
1 of 4
www.appliedpowermicro.com
Description
The AR0504PC is an ultra low capacitance TVS array,
utilizing leading monolithic silicon technology to provide
fast response time and low ESD clamping voltage, mak-
ing this device an ideal solution for protecting voltage
sensitive high-speed data lines. The AR0504PC has
verylow capacitance with a typical value at 0.3pF, and
complies with the IEC 61000-4-2 (ESD) with ±25kV air
and ±20kV contact discharge. It is assembled into a
SGP2010N5 package. The combination of small size, low
capacitance and high level of ESD protection makes it
ideal for HDMI, MDDI, antenna circuits, USB 2.0, and
Infiniband circuits.
Features
•
Ultra low capacitance: 0.3pF typical
•
Ultra low leakage: nA level
•
Operating voltage: 5V
•
Low clamping voltage
•
Up to 4 data lines protects
•
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±25kV
Contact discharge: ±20kV
– IEC61000-4-5 (Lightning) 5A (8/20μs)
•
RoHS Compliant
AR0504PC
Ultra Low Capacitance TVS Diode Array
Part Number
Packaging
Reel Size
AR0504PC
10000/Tape & Reel
7 inch
Dimensions and Pin Configuration
Mechanical Characteristics
•
Package: SGP2010N5(2.0×1.0×0.5mm)
•
Lead Finish: Matte Tin
•
Case Material: “Green” Molding Compound.
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminal Connections: See Diagram Below
•
Marking Information: See Below
Applications
•
Mobile Display Digital Interface (MDDI)
•
USB 2.0
•
Photodetector Protection
•
HBT Power Amplifier Protection
•
Infiniband Transceiver Protection
•
Firewire Ports
Marking Information
Ordering Information
Circuit and Pin Schematic
7534P= Device Marking
Code
0504F


Similar Part No. - AR0504PC

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0504P3 APMICRO-AR0504P3 Datasheet
851Kb / 6P
4-Line Low Capacitance TVS Diode Array
More results

Similar Description - AR0504PC

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
Ultra-Low Capacitance TVS Diode Array
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC33CT8 LEIDITECH-ULC33CT8 Datasheet
2Mb / 7P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com