Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP13828W Datasheet(PDF) 2 Page - Anachip Corp

Part # AP13828W
Description  300mA Low-Noise CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP13828W Datasheet(HTML) 2 Page - Anachip Corp

  AP13828W Datasheet HTML 1Page - Anachip Corp AP13828W Datasheet HTML 2Page - Anachip Corp AP13828W Datasheet HTML 3Page - Anachip Corp AP13828W Datasheet HTML 4Page - Anachip Corp AP13828W Datasheet HTML 5Page - Anachip Corp AP13828W Datasheet HTML 6Page - Anachip Corp AP13828W Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP138
300mA Low-Noise CMOS LDO
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Oct 29, 2004
2/7
Block Diagram
Current
Limit
Thermal
Shutdown
AMP
+
-
Vref
BYP
EN
1uA
V
OUT
GND
V
IN
R1
R2
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Input Voltage
+7
V
IOUT
Output Current
PD/ (VIN-VO)
mA
VOUT
Output Voltage
GND - 0.3 to VIN+ 0.3
V
ESD Classification
B
TA
Ambient Temperature Range
-40 to +85
ºC
TJ
Junction Temperature Range
-40 to +125
ºC
Thermal Information
Symbol
Parameter
Maximum
Unit
θjc
Thermal Resistance
SOT23-5L
160
ºC/W
PD
Internal Power Dissipation (
∆T=100 ºC) SOT23-5L
250
mW
TJ
Maximum Junction Temperature
150
ºC
TLead
Maximum Lead Temperature (10 sec)
300
ºC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com